Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-HC1 Datasheet(PDF) 7 Page - RFbeam Microwave GmbH

Part # K-HC1
Description  RADAR TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-HC1 Datasheet(HTML) 7 Page - RFbeam Microwave GmbH

  K-HC1 Datasheet HTML 1Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 2Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 3Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 4Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 5Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 6Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 7Page - RFbeam Microwave GmbH K-HC1 Datasheet HTML 8Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
K-HC1 RADAR TRANSCEIVER
Datasheet
Application Notes
Sensitivity and Maximum Range
The values indicated here are intended to give you a 'feeling' of the attainable detection range with this
module. It is not possible to define an exact RCS (radar cross section) value of real objects because
reflectivity depends on many parameters. The RCS variations however influence the maximum range
only by 4
.
Maximum range for Doppler movement depends mainly on:
- Module sensitivity (for S/N ration > 6dB)
S:
-164dBc (@1kHz IF bandwidth)
- Carrier frequency
f0:
24.125GHz
- Radar cross section RCS ("reflectivity") of the object
1):
1m2 approx. for a moving person
>50m2 for a moving car
note 1) RCS indications are very inaccurate and may vary by factors of 10 and more.
The famous "Radar Equation" may be reduced for our K-band module to the following relation:
4
40
10
0167
.
0
s
r
Using this formula and a comparator as ADC, you get an indicative detection range of
- > 210 meters for a moving person
- > 560 meters for a moving car
Please note, that range values also highly depend on the performance of signal processing,
environment conditions (i.e. rain, fog), housing of the module and other factors.
Maximal distance is also limited by the phase noise of the oscillator. With K-HC1, you get an absolute
maximum range of > 1km.
High Sensitivity Sensor
The superhet architecture leads to a significantly better signal to noise (S/N) ratio than the direct
conversion principle used in traditional Doppler transceivers.
K-HC1 features an enhancement of 20-25dB compared to a K-MC1 sensor. This means a 4 times
distance enhancement. (Each 12dB means doubling the distance range).
Typical applications are
•
Long range movement detection of persons up to 400m
•
Speed measurements in sports applications (persons, balls, …)
•
Long range traffic detector (cars up to 1'000m)
Best results regarding maximum distance may be achieved by using FFT processing.
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 7/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com