Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC89LE52RC Datasheet(PDF) 76 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 76 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 72Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 73Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 74Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 75Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 76Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 77Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 80Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 165 page
background image
XCH A, @Ri
Bytes:
1
Cycles:
1
Encoding:
1 1 0 0
0 1 1 i
Operation:
XCH
(A)
((Ri))
XCHD
A, @Ri
Function:
Exchange Digit
Description:
XCHD exchanges the low-order nibble of the Accumulator (bits 3-0), generally representing
a hexadecimal or BCD digit, with that of the internal RAM location indirectly addressed by
the specified register. The high-order nibbles (bits 7-4) of each register are not affected. No
flags are affected.
Example:
R0 contains the address 20H. The Accumulator holds the value 36H (00110110B). Internal
RAM location 20H holds the value 75H (01110101B). The instruction,
XCHD
A, @R0
will leave RAM location 20H holding the value 76H (01110110B) and 35H (00110101B) in
the accumulator.
Bytes:
1
Cycles:
1
Encoding:
1 1 0 1
0 1 1 i
Operation:
XCHD
(A3-0)
(Ri3-0)
XRL
<dest-byte>, <src-byte>
Function:
Logical Exclusive-OR for byte variables
Description:
XRL performs the bitwise logical Exclusive-OR operation between the indicated variables,
storing the results in the destination. No flags are affected.
The two operands allow six addressing mode combinations.When the destination is the
Accumulator, the source can use register, direct, register-indirect, or immediate addressing;
when the destination is a direct address,the source can be the Accumulator or immediate data.
(Note: When this instruction is used to modify an output port, the value used as the original
port data will be read from the output data latch, not the input pins.)
Example:
If the Accumulator holds 0C3H (11000011B) and register 0 holds 0AAH (10101010B) then
the instruction,
XRL
A, R0
will leave the Accumulator holding the vatue 69H (01101001B).
When the destination is a directly addressed byte, this instruction can complement combinna-
tion of bits in any RAM location or hardware register. The pattern of bits to be complemented
is then determined by a mask byte, either a constant contained in the instruction or a variable
computed in the Accumulator at run-time. The instruction,
XRL
P1, #00110001B
will complement bits 5,4 and 0 of outpue Port 1.
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com