Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC89LE52RC Datasheet(PDF) 84 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 84 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 82Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 83Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 84Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 85Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 86Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 87Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 88Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 165 page
background image
6.4 How Interrupts Are Handled
Each interrupt flag is sampled at every system clock cycle. The samples are polled during the next system clock.
If one of the flags was in a set condition at first cycle, the second cycle(polling cycle) will find it and the interrupt
system will generate an hardware LCALL to the appropriate service routine as long as it is not blocked by any of
the following conditions.
Block conditions :
An interrupt of equal or higher priority level is already in progress.
The current cycle(polling cycle) is not the final cycle in the execution of the instruction in progress.
The instruction in progress is RETI or any write to the IE or IP registers.
The ISP/IAP activity is in progress.
Any of these four conditions will block the generation of the hardware LCALL to the interrupt service routine.
Condition 2 ensures that the instruction in progress will be completed before vectoring into any service routine.
Condition 3 ensures that if the instruction in progress is RETI or any access to IE or IP, then at least one or more
instruction will be executed before any interrupt is vectored to.
The polling cycle is repeated with the last clock cycle of each instruction cycle. Note that if an interrupt flag is
active but not being responded to for one of the above conditions, if the flag is not still active when the blocking
condition is removed, the denied interrupt will not be serviced. In other words, the fact that the interrupt flag
was once active but not being responded to for one of the above conditions, if the flag is not still active when the
blocking condition is removed, the denied interrupt will not be serviced. The interrupt flag was once active but
not serviced is not kept in memory. Every polling cycle is new.
•
•
•
•
6.3 Interrupt Priorities
Each interrupt source can also be individually programmed to one of four priority levels by setting or clearing a
bit in Special Function Registers IP or XICON and IPH . A low-priority interrupt can itself be interrupted by a
high-pority interrupt, but not by another low-priority interrupt. A high-priority interrupt can’t be interrupted by
any other interrupt source.
If two requests of different priority levels are received simultaneously, the request of higher priority level
is serviced. If requests of the same priority level are received simultaneously, an internal polling sequence
determines which request is serviced. Thus within each priority level there is a second priority structure
determined by the polling sequence,as follows:
Source
Priority Within Level
0.
IE0
0(highest)
1.
TF0
1
2.
IE1
2
3.
TF1
3
4.
RI +Tl
4
5.
TF2+EXF2
5
6.
IE2
6
7.
IE3
7
Note that the “priority within level” structure is only used to resolve simultaneous requests of the same prionty
level.
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com