Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25LD010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PM25LD010
Description  512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM25LD010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PM25LD010 Datasheet HTML 1Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 2Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 3Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 4Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 5Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 6Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 7Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 8Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Pm25LD512/010/ 020
Confidential information
Chingis Technology Corp.
1
DRAFT Date: August, 2010, Rev:0.4
FEATURES
• Single Power Supply Operation
- Low voltage range: 2.3 V – 3.6 V
• Memory Organization
- Pm25LD512: 64K x 8 (512 Kbit)
- Pm25LD010: 128K x 8 (1 Mbit)
- Pm25LD020: 256K x 8 (2 Mbit)
• Cost Effective Sector/Block Architecture
- 512Kb : Uniform 4KByte sectors / Two uniform
32KByte blocks
- 1Mb : Uniform 4KByte sectors / Four uniform
32KByte blocks
- 2Mb : Uniform 4KByte sectors / Four uniform
64KByte blocks
• Low standby current 1uA (Typ)
• Serial Peripheral Interface (SPI) Compatible
- Supports single- or dual-output
- Supports SPI Modes 0 and 3
- Maximum 33 MHz clock rate for normal read
- Maximum 100 MHz clock rate for fast read
• Page Program (up to 256 Bytes) Operation
- Typical 2 ms per page program
• Sector, Block or Chip Erase Operation
- Maximum 10 ms sector, block or chip erase
• Low Power Consumption
- Typical 10 mA active read current
- Typical 15 mA program/erase current
• Hardware Write Protection
- Protect and unprotect the device from write
operation by Write Protect (WP#) Pin
• Software Write Protection
- The Block Protect (BP2, BP1, BP0) bits allow
partial or entire memory to be configured as read-
only
• High Product Endurance
- Guaranteed 200,000 program/erase cycles per
single sector
- Minimum 20 years data retention
• Industrial Standard Pin-out and Package
- 8-pin 150mil SOIC
- 8-pin 208mil SOIC for Pm25LD040
- 8-pin 300mil PDIP for Pm25LD040
- 8-contact WSON
- 8-pin TSSOP
- Lead-free (Pb-free), halogen-free package
GENERAL DESCRIPTION
The Pm25LD512/010/020 are 512Kbit/ 1Mbit / 2Mbit Serial Peripheral Interface (SPI) Flash memories, providing
single- or dual-output. The devices are designed to support a 33 MHz clock rate in normal read mode, and 100
MHz in fast read, the fastest in the industry. The devices use a single low voltage power supply, wide operating
voltage ranging from 2.3 Volt to 3.6 Volt, to perform read, erase and program operations. The devices can be
programmed in standard EPROM programmers.
The Pm25LD512/010/020 are accessed through a 4-wire SPI Interface consisting of Serial Data Input/Output
(SlO), Serial Data Output (SO), Serial Clock (SCK), and Chip Enable (CE#) pins. They comply with all
recognized command codes and operations. The dual-output fast read operation provides and effective serial
data rate of 200MHz.
The devices support page program mode, where 1 to 256 bytes data can be programmed into the memory in
one program operation. These devices are divided into uniform 4 KByte sectors or uniform 32 KByte
blocks.(Pm25LD020 is uniform 4 KByte sectors or uniform 64 KByte).
The Pm25LD512/010/020 are manufactured on pFLASH™’s advanced non-volatile technology. The devices are
offered in 8-pin SOIC 150mil, 8-contact WSON and 8-pin TSSOP. The devices operate at wide temperatures
between -40°C to +105°C.
512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial
Flash Memory With 100 MHz Dual-Output SPI Bus
Interface


Similar Part No. - PM25LD010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM25LD010 ETC2-PM25LD010 Datasheet
652Kb / 33P
512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
Pm25LD010-DCE ETC2-Pm25LD010-DCE Datasheet
652Kb / 33P
512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
Pm25LD010-KCE ETC2-Pm25LD010-KCE Datasheet
652Kb / 33P
512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
Pm25LD010-SCE ETC2-Pm25LD010-SCE Datasheet
652Kb / 33P
512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
More results

Similar Description - PM25LD010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
08-Mar-2005
M25P10 STMICROELECTRONICS-M25P10 Datasheet
162Kb / 21P
1 Mbit Low Voltage Paged Flash Memory With 20 MHz Serial SPI Bus Interface
30-May-2000
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
05-Jun-2006
logo
Numonyx B.V
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
1 Mbit, serial Flash memory, 50 MHz SPI bus interface
logo
List of Unclassifed Man...
IS25LD020-JNLE ETC2-IS25LD020-JNLE Datasheet
912Kb / 40P
512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus Interface
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
logo
Integrated Silicon Solu...
IS25WD020 ISSI-IS25WD020 Datasheet
764Kb / 35P
2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
logo
List of Unclassifed Man...
PM25LD512 ETC2-PM25LD512 Datasheet
652Kb / 33P
512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
PM25LV020 ETC1-PM25LV020 Datasheet
628Kb / 36P
512 Kbit /1 Mbit / 2 Mbit / 4 Mbit 3.0 Volt-onl Serial Flash Memory With 100 MHz SPI Bus Interface
PM25LQ020 ETC-PM25LQ020 Datasheet
1Mb / 55P
2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory With 104 MHz Dual- or 100MHz Quad-Output SPI Bus Interface
2012, Rev: 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com