Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25LD010 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PM25LD010
Description  512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PM25LD010 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PM25LD010 Datasheet HTML 17Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 18Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 19Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 20Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 21Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 22Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 23Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 24Page - List of Unclassifed Manufacturers PM25LD010 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Pm25LD512/010/ 020
Confidential information
Chingis Technology Corp.
21
DRAFT Date: August, 2010, Rev:0.4
DEVICE OPERATION (CONTINUED)
ERASE OPERATION
The memory array of the Pm25LD512/010 is organized
into uniform 4 KByte sectors or 32 KByte uniform
blocks (a block consists of eight adjacent sectors).
Pm25LD020 is organized into uniform 4 KByte sectors
or 64 KByte uniform blocks (a block consists of sixteen
adjacent sectors)
Before a byte can be reprogrammed, the sector or
block that contains the byte must be erased (erasing
sets bits to “1”). In order to erase the devices, there are
three erase instructions available: Sector Erase
(SECTOR_ER), Block Erase (BLOCK_ER) and Chip
Erase (CHIP_ER). A sector erase operation allows any
individual sector to be erased without affecting the data
in other sectors. A block erase operation erases any
individual block. A chip erase operation erases the
whole memory array of a device. A sector erase, block
erase or chip erase operation can be executed prior to
any programming operation.
SECTOR_ER COMMAND (SECTOR ERASE)
OPERATION
A SECTOR_ER instruction erases a 4 KByte sector
Before the execution of a SECTOR_ER instruction, the
Write Enable Latch (WEL) must be set via a Write
Enable (WREN) instruction. The WEL bit is reset
automatically after the completion of sector an erase
operation.
A SECTOR_ER instruction is entered, after CE# is
pulled low to select the device and stays low during the
entire instruction sequence The SECTOR_ER
instruction code, and three address bytes are input via
SI. Erase operation will start immediately after CE# is
pulled high. The internal control logic automatically
handles the erase voltage and timing. Refer to Figure
14 for Sector Erase Sequence.
During an erase operation, all instruction will be
ignored except the Read Status Register (RDSR)
instruction. The progress or completion of the erase
operation can be determined by reading the WIP bit in
the Status Register using a RDSR instruction. If the
WIP bit is “1”, the erase operation is still in progress. If
the WIP bit is “0”, the erase operation has been
completed.
BLOCK_ER COMMAND (BLOCK ERASE)
OPERATION
A Block Erase (BLOCK_ER) instruction erases a 64
KByte block of the Pm25LD512/010/020. Before the
execution of a BLOCK_ER instruction, the Write
Enable Latch (WEL) must be set via a Write Enable
(WREN) instruction. The WEL is reset automatically
after the completion of a block erase operation.
The BLOCK_ER instruction code and three address
bytes are input via SI. Erase operation will start
immediately after the CE# is pulled high, otherwise the
BLOCK_ER instruction will not be executed. The
internal control logic automatically handles the erase
voltage and timing. Refer to Figure 15 for Block Erase
Sequence.
CHIP_ER COMMAND (CHIP ERASE) OPERATION
A Chip Erase (CHIP_ER) instruction erases the entire
memory array of a Pm25LD512/010/020. Before the
execution of CHIP_ER instruction, the Write Enable
Latch (WEL) must be set via a Write Enable (WREN)
instruction. The WEL is reset automatically after
completion of a chip erase operation.
The CHIP_ER instruction code is input via the SI.
Erase operation will start immediately after CE# is
pulled high, otherwise the CHIP_ER instruction will not
be executed. The internal control logic automatically
handles the erase voltage and timing. Refer to Figure
16 for Chip Erase Sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com