Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25Q64FWSIG Datasheet(PDF) 74 Page - Winbond

Part # 25Q64FWSIG
Description  1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

25Q64FWSIG Datasheet(HTML) 74 Page - Winbond

Back Button 25Q64FWSIG Datasheet HTML 70Page - Winbond 25Q64FWSIG Datasheet HTML 71Page - Winbond 25Q64FWSIG Datasheet HTML 72Page - Winbond 25Q64FWSIG Datasheet HTML 73Page - Winbond 25Q64FWSIG Datasheet HTML 74Page - Winbond 25Q64FWSIG Datasheet HTML 75Page - Winbond 25Q64FWSIG Datasheet HTML 76Page - Winbond 25Q64FWSIG Datasheet HTML 77Page - Winbond 25Q64FWSIG Datasheet HTML 78Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 94 page
background image
W25Q64FW
- 73 -
8.2.39
Individual Block/Sector Unlock (39h)
The Individual Block/Sector Lock provides an alternative way to protect the memory array from adverse
Erase/Program. In order to use the Individual Block/Sector Locks, the WPS bit in Status Register-3 must
be set to 1. If WPS=0, the write protection will be determined by the combination of CMP, SEC, TB,
BP[2:0] bits in the Status Registers. The Individual Block/Sector Lock bits are volatile bits. The default
values after device power up or after a Reset are 1, so the entire memory array is being protected.
To unlock a specific block or sector as illustrated in Figure 4d, an Individual Block/Sector Unlock
command must be issued by driving /CS low, shifting the instruction code “39h” into the Data Input (DI) pin
on the rising edge of CLK, followed by a 24-bit address and then driving /CS high. A Write Enable
instruction must be executed before the device will accept the Individual Block/Sector Unlock Instruction
(Status Register bit WEL= 1).
/CS
CLK
DI
(IO0)
DO
(IO1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (39h)
High Impedance
8
9
29
30
31
24-Bit Address
23
22
2
1
0
*
Mode 0
Mode 3
= MSB
*
Figure 52a. Individual Block Unlock Instruction (SPI Mode)
/CS
CLK
Mode 0
Mode 3
0
1
IO0
IO1
IO2
IO3
39h
Instruction
2
3
4
5
20
16
12
8
21
17
22
18
23
19
13
9
14
10
15
11
A23-16
6
7
4
0
5
1
6
2
7
3
A15-8
A7-0
Mode 0
Mode 3
Figure 52b. Individual Block Unlock Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com