Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25Q64FWSIG Datasheet(PDF) 21 Page - Winbond

Part # 25Q64FWSIG
Description  1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

25Q64FWSIG Datasheet(HTML) 21 Page - Winbond

Back Button 25Q64FWSIG Datasheet HTML 17Page - Winbond 25Q64FWSIG Datasheet HTML 18Page - Winbond 25Q64FWSIG Datasheet HTML 19Page - Winbond 25Q64FWSIG Datasheet HTML 20Page - Winbond 25Q64FWSIG Datasheet HTML 21Page - Winbond 25Q64FWSIG Datasheet HTML 22Page - Winbond 25Q64FWSIG Datasheet HTML 23Page - Winbond 25Q64FWSIG Datasheet HTML 24Page - Winbond 25Q64FWSIG Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
W25Q64FW
Publication Release Date: May 18, 2017
- 20 -
Revision N
7.1.17
W25Q64FW Individual Block Memory Protection (WPS=1)
Sector 0 (4KB)
Sector 1 (4KB)
Sector 14 (4KB)
Sector 15 (4KB)
Block 1 (64KB)
Block 126 (64KB)
Sector 0 (4KB)
Sector 1 (4KB)
Sector 14 (4KB)
Sector 15 (4KB)
Individual Block Locks:
32 Sectors (Top/Bottom)
126 Blocks
Individual Block Lock:
36h + Address
Individual Block Unlock:
39h + Address
Read Block Lock:
3Dh + Address
Global Block Lock:
7Eh
Global Block Unlock:
98h
Figure 4d. Individual Block/Sector Locks
Notes:
1. Individual Block/Sector protection is only valid when WPS=1.
2. All individual block/sector lock bits are set to 1 by default after power up, all memory array is protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com