Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7536GL Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD7536GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7536GL Datasheet(HTML) 4 Page - Leadtrend Technology

  LD7536GL Datasheet HTML 1Page - Leadtrend Technology LD7536GL Datasheet HTML 2Page - Leadtrend Technology LD7536GL Datasheet HTML 3Page - Leadtrend Technology LD7536GL Datasheet HTML 4Page - Leadtrend Technology LD7536GL Datasheet HTML 5Page - Leadtrend Technology LD7536GL Datasheet HTML 6Page - Leadtrend Technology LD7536GL Datasheet HTML 7Page - Leadtrend Technology LD7536GL Datasheet HTML 8Page - Leadtrend Technology LD7536GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LD7536
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7536-DS-02a December 2011
Absolute Maximum Ratings
Supply Voltage VCC
-0.3V ~29V
COMP, RT, CS
-0.3V ~6V
OUT
-0.3V ~Vcc+0.3V
Maximum Junction Temperature
150
°C
Operating Ambient Temperature
-40
°C to 85°C
Operating Junction Temperature
-40
°C to 125°C
Storage Temperature Range
-65
°C to 150°C
Package Thermal Resistance (SOT-26,
θJA)
250
°C/W
Package Thermal Resistance (DIP-8,
θJA)
100
°C/W
Power Dissipation (SOT-26, at Ambient Temperature = 85
°C)
250mW
Power Dissipation (DIP-8, at Ambient Temperature = 85
°C)
650mW
Lead temperature (Soldering, 10sec)
260
°C
ESD Voltage Protection, Human Body Model
2.5 KV
ESD Voltage Protection, Machine Model
250 V
Gate Output Current
300mA
Caution:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only
rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied.
Recommended Operating Conditions
Item
Min.
Max.
Unit
Supply Voltage Vcc
11
24
V
Start-up resistor Value
540K
1.8 M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com