Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7536GL Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD7536GL
Description  Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7536GL Datasheet(HTML) 5 Page - Leadtrend Technology

  LD7536GL Datasheet HTML 1Page - Leadtrend Technology LD7536GL Datasheet HTML 2Page - Leadtrend Technology LD7536GL Datasheet HTML 3Page - Leadtrend Technology LD7536GL Datasheet HTML 4Page - Leadtrend Technology LD7536GL Datasheet HTML 5Page - Leadtrend Technology LD7536GL Datasheet HTML 6Page - Leadtrend Technology LD7536GL Datasheet HTML 7Page - Leadtrend Technology LD7536GL Datasheet HTML 8Page - Leadtrend Technology LD7536GL Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LD7536
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7536-DS-02a December 2011
Electrical Characteristics
(TA = +25°C unless otherwise stated, VCC=15.0V)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage (Vcc Pin)
Startup Current
12
20
μA
VCOMP=0V
1.0
mA
VCOMP=3V
2.0
mA
OLP Tripped/ Auto
0.4
mA
OVP Tripped/Latch
0.85
mA
Operating Current
(with 1nF load on OUT pin)
OTP Pin Tripped/Latch
0.85
mA
Holding Current
Vcc=7V (latched)
430
μA
UVLO (off)
9
10
11
V
UVLO (on)
15
16
17
V
OVP Level
25
26
27
V
Voltage Feedback (Comp Pin)
Short Circuit Current
VCOMP=0V
0.25
mA
Open Loop Voltage
COMP pin open
5.4
V
Green Mode Threshold VCOMP
2.2
V
Zero Duty Threshold VCOMP
1.4
V
Zero Duty Hysteresis
100
mV
Current Sensing (CS Pin)
Maximum Input Voltage, VCS_OFF
0.8
0.85
0.9
V
Leading Edge Blanking Time
230
ns
Internal Slope Compensation
0% to DMAX. (Linearly increase)
300
mV
Input impedance
1
M
Ω
Delay to Output
100
ns
Oscillator for Switching Frequency
Frequency, FREQ
60
65
70
kHz
Green Mode Frequency, FREQG
22
kHz
Trembling Frequency
± 4.0
kHz
Temp. Stability
(-20
°C ~85°C)
5
%
Voltage Stability
(VCC=11V-25V)
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com