Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP288 Datasheet(PDF) 10 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 10 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 6Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 7Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 8Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 9Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 10Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 11Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 12Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 13Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
10
5 Pin Description
Table 5-1
N um
Name
Type
Condition
Description
1
ELDO1
O
Output pin of ELDO1
2
ELDO2
O
Output pin of ELDO2
3
ELDO3
O
Output pin of ELDO3
4
FLDO1
O
Output Pin of FLDO1
5
FLDOIN
PI
FLDO input source
6
FLDO2
O
Output Pin of FLDO2
7
FLDO3
O
Output Pin of FLDO3
8
VIN4
PI
BUCK4 input source
9
LX4
IO
Inductor Pin for BUCK4
10
BUCK4
I
BUCK4 feedback pin
11
DRAMPWROK
O
Power good pin, push-pull output, and pull to VBUCK4 internal.
DRAMPWROK is an active high dedicated output signal.
DRAMPWROK asserts when voltage rails VBUCK4 is within 15% of
its nominal voltage
12
VCCAPWROK
O
Power Good pin, push-pull output, and pull to VBUCK4 internal.
VCCAPWROK asserts when all voltage rails to the SOC that are
supposed to be on in S0 and S0IX states are within 15% of its
nominal voltage
13
BUCK3
I
BUCK3 feedback pin
14
LX3
IO
Inductor Pin for BUCK3
15
VIN3
PI
BUCK3 input source
16
GND
G
GND for internal analog circuit
17
DLDO4
O
Output Pin of DLDO4
18
DLDO3
O
Output Pin of DLDO3
19
DLDOIN
PI
DLDOIN input source
20
DLDO2
O
Output Pin of DLDO2
21
DLDO1
O
Output Pin of DLDO1
22
VIN6
PI
BUCK6 input source
23
LX6
IO
Inductor Pin for BUCK6
24
BUCK6
I
BUCK6 feedback pin
25
VIN1
PI
BUCK1 input source
26
VIN1
PI
BUCK1 input source
27
LX1
IO
Inductor Pin for BUCK1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com