Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP288 Datasheet(PDF) 18 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP288
Description  PMIC Optimized For Multi-Core High-Performance System
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP288 Datasheet(HTML) 18 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP288 Datasheet HTML 14Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 15Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 16Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 17Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 18Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 19Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 20Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 21Page - Shenzhen X-Powers Technology Co ., Ltd AXP288 Datasheet HTML 22Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 110 page
background image
AXP288
PMIC Optimized For Multi-Core High-Performance System
AXP288 Datasheet V1.06
Copyright © 2014 X-Powers Limited. All Rights Reserved.
18
IQ
Quiescent Current
60
μA
PSRR
Power Supply Rejection Ratio
VDLDO1=3V, f=1kHz
70
dB
eN
Output Noise,20Hz-80KHz
VDLDO1=1.8V,IDLDO1=10mA
40
μVRMS
DLDO2
VDLDO2
Output Voltage
IDLDO2=1mA
0.7
4.2
V
IDLDO2
Output Current
400
mA
IQ
Quiescent Current
60
μA
PSRR
Power Supply Rejection Ratio
VDLDO2=3V, f=1kHz
70
dB
eN
Output Noise,20Hz-80KHz
VDLDO2=1.8V,IDLDO2=10mA
40
μVRMS
DLDO3
VDLDO3
Output Voltage
IDLDO3=1mA
0.7
3.3
V
IDLDO3
Output Current
300
mA
IQ
Quiescent Current
60
μA
PSRR
Power Supply Rejection Ratio
VDLDO3=3V, f=1kHz
70
dB
eN
Output Noise,20Hz-80KHz
VDLDO3=1.8V,IDLDO3=10mA
40
μVRMS
DLDO4
VDLDO4
Output Voltage
IDLDO4=1mA
0.7
3.3
V
IDLDO4
Output Current
500
mA
IQ
Quiescent Current
60
μA
PSRR
Power Supply Rejection Ratio
VDLDO4=3V, f=1kHz
70
dB
eN
Output Noise,20Hz-80KHz
VDLDO4=1.8V,IDLDO4=10mA
40
μVRMS
ELDO1
VELDO1
Output Voltage
(1.8V for AXP288D)
IELDO1=1mA
0.7
1.9
V
IELDO1
Output Current
400
mA
IQ
Quiescent Current
35
μA
PSRR
Power Supply Rejection Ratio
VELDO1=1.2V, f=1kHz
65
dB
ELDO2
VELDO2
Output Voltage
IELDO2=1mA
0.7
1.9
V
IELDO2
Output Current
200
mA
IQ
Quiescent Current
35
μA
PSRR
Power Supply Rejection Ratio
VELDO2=1.2V, f=1kHz
65
dB
ELDO3
VELDO3
Output Voltage
IELDO3=1mA
0.7
1.9
V
IELDO3
Output Current
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com