Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC2921 Datasheet(PDF) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC2921
Description  Voltage Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC2921 Datasheet(HTML) 6 Page - Shaoxing Devechip Microelectronics Co., Ltd

Back Button SDC2921 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 10Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Datasheet
December, 2013 Rev. 1.2
6/13
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Voltage Mode PWM Controller
SDC2921
Electrical Characteristics (Ta=25°C, VCC=5.0V, unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Dead Time Control Section
Input threshold voltage 1
VTHDT
Zero duty cycle
-
3.0
3.3
V
Input threshold voltage 2
Max duty cycle
-
0.1
-
V
Error Amp Section
Open loop voltage gain
GV
0.5V~3.5V
-
65
-
dB
Cross over point
BG
0dB
1800
2200
2600
kHz
VIN- bias voltage(SDC2921A)
VN
VIN- open
2.38
-
2.47
V
VIN- bias voltage(SDC2921B)
VN
VIN- open
2.47
-
2.52
V
Output Section
Output saturation voltage
VDSSAT
IC=100mA
-
1.0
1.3
V
Drain off-state current
IDOFF
VCC=VS= VD=0V
-
2
10
uA
Rising time
tr
-
-
100
200
ns
Falling time
tf
-
-
50
200
ns
Protection Section
3.3V OVP
V33OVP
-
3.8
4.1
4.3
V
5V OVP
V5OVP
-
5.8
6.2
6.6
V
12V OVP
V12OVP
-
4.41
4.64
4.90
V
PT OVP
VPTOVP
-
1.2
1.25
1.3
V
3.3V UVP
V33UVP
-
1.78
1.98
2.18
V
5V UVP
V5UVP
-
2.70
3.00
3.30
V
12V UVP
V12UVP
-
2.11
2.37
2.63
V
UVP disable voltage
VPTDIS
-
0.55
0.62
0.68
V
UVP delay time
tUVP
-
100
280
500
ms
Remote On/Off Section
Rem high input voltage
VREMH
-
2.0
-
-
V
Rem low input voltage
VREML
-
-
-
0.8
V
Rem pull high voltage
VREMO
-
2.0
-
5.25
V
Rem on delay time
tREMON
-
30
36
42
ms
Rem off delay time
tREMOFF
-
3.5
4.5
5.5
ms
SDC
CONFIDENTIAL
DOCUMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com