Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC2921 Datasheet(PDF) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

Part # SDC2921
Description  Voltage Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SDC [Shaoxing Devechip Microelectronics Co., Ltd]
Direct Link  http://www.sdc-semi.com/e/index.asp
Logo SDC - Shaoxing Devechip Microelectronics Co., Ltd

SDC2921 Datasheet(HTML) 1 Page - Shaoxing Devechip Microelectronics Co., Ltd

  SDC2921 Datasheet HTML 1Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 2Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 3Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 4Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 5Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 6Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 7Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 8Page - Shaoxing Devechip Microelectronics Co., Ltd SDC2921 Datasheet HTML 9Page - Shaoxing Devechip Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Datasheet
December, 2013 Rev. 1.2
1/13
©
2013 Shaoxing Devechip Microelectronics Co., Ltd.
www.sdc-semi.com
Voltage Mode PWM Controller
SDC2921
General Description
The SDC2921 is a Pulse–Width Modulation (PWM) control
circuit with complete protection circuits for the SMPS
(Switching Mode Power Supply). It contains various
functions, can minimize external components of switching
power supply systems in personal computer.
Features
Complete PWM control and protection circuits
Over voltage protection for 3.3V/ 5V/ 12V/ PT
Under voltage protection for 3.3V/ 5V/ 12V
280ms PG time delay
Open drain power good output
280ms time delay for UVP
Remote ON/OFF function
Built-in soft-start function
Package: DIP-16
Applications
PC power supply
Figure 1. Package Type
DIP-16
SDC
CONFIDENTIAL
DOCUMENT


Similar Part No. - SDC2921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDC20-48S05 ETC-SDC20-48S05 Datasheet
89Kb / 2P
20 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
SDC20-48S05 P-DUKE-SDC20-48S05 Datasheet
148Kb / 3P
20 WATTS MAXIMUM OUTPUT POWER
logo
List of Unclassifed Man...
SDC20-48S12 ETC-SDC20-48S12 Datasheet
89Kb / 2P
20 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
SDC20-48S12 P-DUKE-SDC20-48S12 Datasheet
148Kb / 3P
20 WATTS MAXIMUM OUTPUT POWER
logo
List of Unclassifed Man...
SDC20-48S15 ETC-SDC20-48S15 Datasheet
89Kb / 2P
20 WATTS DC-DC CONVERTER
More results

Similar Description - SDC2921

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA7500B SAMSUNG-KA7500B Datasheet
97Kb / 5P
VOLTAGE-MODE PWM CONTROLLER
logo
Semtech Corporation
SC1101 SEMTECH-SC1101 Datasheet
96Kb / 8P
VOLTAGE MODE PWM CONTROLLER
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Fairchild Semiconductor
FAN7556 FAIRCHILD-FAN7556 Datasheet
243Kb / 10P
Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
VOLTAGE MODE PWM CONTROLLER
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684 Datasheet
294Kb / 12P
Voltage-Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
Voltage Mode PWM Controller
logo
Microsemi Corporation
LX1684 MICROSEMI-LX1684_05 Datasheet
265Kb / 12P
Voltage-Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com