Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8192CE Datasheet(PDF) 12 Page - Realtek Semiconductor Corp.

Part # RTL8192CE
Description  SINGLE-CHIP IEEE 802.11b/g/n 2T2R WLAN CONTROLLER w/PCI EXPRESS INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8192CE Datasheet(HTML) 12 Page - Realtek Semiconductor Corp.

Back Button RTL8192CE Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 16Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
RTL8192CE
Datasheet
Single-Chip IEEE 802.11b/g/n 2T2R WLAN Controller
with PCI Express Interface
8
Track ID: Rev.0.1
5.3. Power Pins
Table 3. Power Pins
Symbol
Type
Pin No
Description
LX
P
7
Switching Regulator Output
VD33A
P
1, 6, 19, 27, 32, 37
VDD 3.3V for Analog
VD33D
P
5
VDD 3.3V for Digital
VD15A
P
22, 26, 39
VDD 1.5V for Analog
VD15D
P
54
VDD 1.5V for Digital
VD12A
P
40,62
Analog 1.2V Regulator Output
VD12D
P
9, 53
Digital 1.2V Regulator Output
GND
P
8, 61
Ground
REXT
P
38
24k (1%) Precision Resistor for Bandgap
5.4. RF Interface
Table 4. RF Interface
Symbol
Type
Pin No
Description
TRSWN[0]
O
4
Transmit/Receive Path Select 0
Shared with LED2, can be selected by control register
PAPE[0]
O
17
2.4GHz Transmit Power Amplifier Power Enable 0
TRSWP[0]
O
18
Transmit/Receive Path Select 0
TX2G_ON[0]
O
20
RF TX0 Negative Signal
TX2G_OP[0]
O
21
RF TX0 Positive Signal
RX2G_IP[0]
I
23
RF RX0 Positive Signal
RX2G_IN[0]
I
24
RF RX0 Negative Signal
PAPE[1]
O
25
2.4GHz Transmit Power Amplifier Power Enable 1
RX2G_IN[1]
I
28
RF RX1 Negative Signal
RX2G_IP[1]
I
29
RF RX1 Positive Signal
TX2G_OP[1]
O
30
RF TX1 Positive Signal
TX2G_ON[1]
O
31
RF TX1 Negative Signal
TRSWP[1]
O
33
Transmit/Receive Path Select 1
TRSWN[1]
O
34
Transmit/Receive Path Select 1
ANT_SEL_P
O
35
Antenna Control Positive Signal
Shared with LED0, can be selected by control register
ANT_SEL_N
O
36
Antenna Control Negative Signal
Shared with LED1, can be selected by control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com