Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8192CE Datasheet(PDF) 14 Page - Realtek Semiconductor Corp.

Part # RTL8192CE
Description  SINGLE-CHIP IEEE 802.11b/g/n 2T2R WLAN CONTROLLER w/PCI EXPRESS INTERFACE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8192CE Datasheet(HTML) 14 Page - Realtek Semiconductor Corp.

Back Button RTL8192CE Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8192CE Datasheet HTML 18Page - Realtek Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
RTL8192CE
Datasheet
Single-Chip IEEE 802.11b/g/n 2T2R WLAN Controller
with PCI Express Interface
10
Track ID: Rev.0.1
5.6. Clock and Other Pins
Table 6. Clock and Other Pins
Symbol
Type
Pin No
Description
XI
I
41
40MHz OSC Input
Input of 40MHz Crystal clock reference
XO
O
42
Output of 40MHz Crystal Clock Reference
CK_BT_40M
O
43
Buffered 40M clock outputs for other peripheral IC
PDn
I
49
This Pin can Externally Shutdown RTL8192CE without Extra Power Switch
This pin can also support WLAN Radio off function with host interface
remaining connected.
EEPROMSEL/EESK
I
14
Trap function: Weakly pull high at power on to indicate the presence of
external EEPROM. 1: external EEPROM, 0: internal eFuse.
EEPROM Interface EESK Signal
GPIO0/WLAN_ACT
IO
45
General Purpose Input/Output Pin or Bluetooth Coexistence WLAN_ACT
Pin
The WLAN_ACT signal indicates when WLAN is either transmitting or
receiving in the 2.4GHz ISM band.
GPIO1/WLAN_RX
IO
46
Trap Function: Weakly pull high at power on to turn on CK_BT_40M.
General Purpose Input/Output Pin or Bluetooth Coexistence WLAN_RX Pin
WLAN_RX is an indicator for wireless LAN RX activity.
GPIO2/BT_STATE
IO
47
General Purpose Input/Output Pin or Bluetooth Coexistence BT_STAT Pin
The BTSTAT signal indicates when normal Bluetooth packets are being
transmitted or received.
GPIO3/BT_PRI
IO
48
General Purpose Input/Output Pin or Bluetooth Coexistence BT_PRI Pin
The BTPRI signal indicates when a high priority Bluetooth packet is being
transmitted or received.
GPIO4
IO
10
General Purpose Input/Output Pin
GPIO5
IO
11
General Purpose Input/Output Pin
GPIO6/EEDO
IO
12
General Purpose Input/Output Pin or EEPROM Interface EEDO Signal
GPIO7/EEDI
IO
13
General Purpose Input/Output Pin or EEPROM Interface EEDI Signal
GPIO8/TRSWN[0]/LED2
IO
4
General Purpose Input/Output Pin or RF TX/RX path select or LED2.
GPIO9
IO
3
General Purpose Input/Output Pin
GPIO10
IO
2
General Purpose Input/Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com