Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-MD2 Datasheet(PDF) 4 Page - RFbeam Microwave GmbH

Part # K-MD2
Description  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2 Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

  K-MD2 Datasheet HTML 1Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 2Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 8Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 4/23
ANTENNA DIAGRAM CHARACTERISTICS
This diagram shows the relative output power in both azimuth and elevation directions.
Figure 2: TX relative antenna pattern
Figure 3: Beamwidth and antenna order
20°
20°
Tx
30°
Rx1
30°
Rx2
30°
Rx3
30°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com