Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-MD2 Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # K-MD2
Description  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2 Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  K-MD2 Datasheet HTML 1Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 2Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 8Page - RFbeam Microwave GmbH K-MD2 Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 1/1
– 24 GHz FMCW radar with digital signal processing
– Angle of arrival in azimuth/elevation
– Serial target list output
– Detection distance: 100 m for persons/200 m for cars
– Distance range: 0–250 m, 1m resolution
– Speed range: ±130 km/h, 1 km/h resolution
– Angle range: ± 9.1° (elevation) ± 16.4° (azimuth),
0.1° resolution
– Compact size: 120 × 72 × 15 mm
– Traffic analysis and classification
– Intersection management
– Security systems
– Object speed measurement systems
– Measurement and research applications
– Industrial sensors
The K-MD2 is a high-end 3D radar transceiver with three recei-
ving channels and a low phase noise, PLL controlled transmitter.
The target information from the three receive antennas is digiti-
zed and the high speed digital signal processing performs range
and doppler FFT’s with an update rate of 20 measurements per
second. Using the serial interface, many operating parameters
such as frequency, bandwidth and repetition rate can be adjus-
ted. Results are available in target list format as well as in raw
range-doppler matrices. Ethernet and a serial communication
interfaces are included.
Features
Applications
Description
Blockdiagram
K-MD2
PLL & VCO
23.8– 24.8 GHz
RAM
FPGA
Tx
Rx1
Rx2
Rx3
A/D
A/D
A/D
Flash
Digital I/O
– Ethernet
– Serial
Figure 1: Blockdiagram
data sheet
K-MD2
Engineering Sample
radar transceiver
with integrated signal processing
PRODUCT INFORMATION
Figure 1: Blockdiagram


Similar Part No. - K-MD2

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
K-M3.5-2.0-C4-SP-Z Z=C/C LABFACILITY-K-M3.5-2.0-C4-SP-Z Z=C/C Datasheet
741Kb / 3P
Washer Thermocouple, Glassfibre Insulated Cable with stainless steel overbraid- IEC
Nov-23
logo
RFbeam Microwave GmbH
K-MC1 RFBEAM-K-MC1 Datasheet
2Mb / 8P
RADAR TRANSCEIVER
K-MC1 RFBEAM-K-MC1 Datasheet
653Kb / 2P
Radar Evaluation Kit
K-MC1_LP RFBEAM-K-MC1_LP Datasheet
1Mb / 5P
RADAR TRANSCEIVER
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
RADAR TRANSCEIVER
More results

Similar Description - K-MD2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OMAP4460 TI-OMAP4460_15 Datasheet
785Kb / 16P
Multimedia Device Engineering Sample ES1.0 ES1.1
OMAP4470 TI-OMAP4470_15 Datasheet
6Mb / 450P
Multimedia Device Engineering Sample ES1.0
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
Engineering Development/Design Sample Kits
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
Engineering Development/Design Sample Kits
logo
VIGO Photonics S.A.
AM03120-01 VIGO-AM03120-01 Datasheet
718Kb / 2P
AM03120-01 ENGINEERING SAMPLE MWIR InAsSb detection module
16/09/2021
4EF-5 VIGO-4EF-5 Datasheet
745Kb / 2P
4EF-5 – ENGINEERING SAMPLE Four band mid-IR detection module
05/01/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com