Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-MD2-RFB-01F-01 Datasheet(PDF) 17 Page - RFbeam Microwave GmbH

Part # K-MD2-RFB-01F-01
Description  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2-RFB-01F-01 Datasheet(HTML) 17 Page - RFbeam Microwave GmbH

Back Button K-MD2-RFB-01F-01 Datasheet HTML 13Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 14Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 15Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 16Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 17Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 18Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 19Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 20Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 21Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 17/23
The table Application commands shows the possible
application commands, see the chapter Commands
for details.
Header
Payload
Length
Description
Default
INIT
0
Run the initialization sequence and load the configuration files
RSID
4
Radar initial delay [clk]
436
RSSF
4
Radar start frequency [MHz]
24028
RSBW
4
Radar bandwidth [MHz]
194
RSRG
4
Radar receiver gain [dB]
20
PSMC
4
Receivers to include in mean range-doppler map
7 (0b111)
PSPT
4
Processor peak detection threshold
1000
PSRC
4
Processor range compensation for threshold
0.0
PSNP
4
Processor maximum number of peaks
200
PSBU
4
Processor background update rate
128
PSBR
4
Processor peak detection minimum range
2
PSTR
4
Processor peak detection maximum range
200
PSBS
4
Processor peak detection minimum speed
0
PSTS
4
Processor peak detection maximum speed
100
PSSM
4
Processor smooth mean range-doppler map
1
PSNT
4
Processor maximum number of tracks to report
20
PSRJ
4
Processor maximum range jitter
2
PSSJ
4
Processor maximum speed jitter
3
PSBL
4
Processor minimum track life
5
PSTL
4
Processor maximum track life
15
PSTH
4
Processor length of history for tracking
10
PSSO
4
Processor report stationary objects
1
PSCS
4
Processor assume constant speed for tracking
1
DSF0
4
Disable messages with given header
DSF1
4
Enable messages with given header
GBYE
0
Disconnect but leave the sensor server running
STOP
0
Stop the sensor server
Table 10: Application commands
If a command is rejected a warning will be displayed
on the console and in the log file. No response is
provided via the network or serial interface to accept
or reject the command.
The INIT and STOP commands are acknowledged
with a DONE message so that the client knows when
the command has been completed. When sending
the GBYE command the client should read any out-
standing messages before disconnecting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com