Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-MD2-RFB-01F-01 Datasheet(PDF) 22 Page - RFbeam Microwave GmbH

Part # K-MD2-RFB-01F-01
Description  Engineering Sample
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MD2-RFB-01F-01 Datasheet(HTML) 22 Page - RFbeam Microwave GmbH

Back Button K-MD2-RFB-01F-01 Datasheet HTML 15Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 16Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 17Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 18Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 19Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 20Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 21Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 22Page - RFbeam Microwave GmbH K-MD2-RFB-01F-01 Datasheet HTML 23Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet
07/2018 – Revision A | Page 22/23
OUTLINE DIMENSIONS
The ordering number consists of different parts with
the structure below.
Product
= K-MD2
Customer
= RFB
HW variant
= 01
for engineering
sample
Supply
= F
for 12 V version
SW variant
= 01
for engineering
sample
Figure 15: Outline dimensions in milimeter
Ordering number
Description
Release date
K-MD2-RFB-01F-01
K-MD2 Engineering Sample
06/2018
Table 13: Available ordering numbers
ORDER INFORMATION
Figure 16: Ordering number structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com