Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS326E Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS326E
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS326E Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS326E Datasheet HTML 1Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 2Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 3Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 4Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 5Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 6Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 7Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 8Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1.
General Description
The FS326E+G battery protection IC is designed to
protect lithium-ion/polymer battery from damage or
degrading the lifetime due to overcharge,
overdischarge, and/or overcurrent for one-cell
lithium-ion/polymer battery powered systems, such
as cellular phones.
The ultra-small package and less required external
components make it ideal to integrate the
FS326E+G into the limited space of battery pack.
The accurate ±40mV overcharging detection voltage
ensures safe and full utilization charging. The very
low standby current drains little current from the cell
while in storage.
2.
Features
Reduction in Board Size due to Miniature
Package SOT-23-6.
Ultra-Low Quiescent Current at 3μ A (Vcc=3.9V).
Ultra-Low Overdischarge Current at 3 μ A
(Vcc=2.0V).
Precision Overcharge Protection Voltage 4.3V ±
40mV
Load Detection Function during Overcharge
Mode.
Two Detection Levels for Overcurrent Protection.
Delay times are generated by internal circuits. No
external capacitors required.
3.
Ordering Information
FS326E+G
PACKAGE TYPE
SOT-23-6(G stands for Green-Package)
TEMPERATURE RANGE
-40°C~+85°C
OVERCHARGE PROTECTION
4.3V± 40mV
4.
Applications
Protection IC for One-Cell Lithium-Ion /
Lithium-Polymer Battery Pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com