Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS326E Datasheet(PDF) 8 Page - Fortune Semiconductor Corp.

Part # FS326E
Description  One Cell Lithium-ion/Polymer Battery Protection IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS326E Datasheet(HTML) 8 Page - Fortune Semiconductor Corp.

Back Button FS326E Datasheet HTML 4Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 5Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 6Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 7Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 8Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 9Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 10Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 11Page - Fortune Semiconductor Corp. FS326E Datasheet HTML 12Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
11. Description of Operation
Overcharge Protection
When the voltage of the battery cell exceeds the
overcharge protection voltage (VOCP) beyond the
overcharge delay time (TOC) period, charging is
inhibited by turning off of the charge control
MOSFET. The overcharge condition is released in
two cases:
The voltage of the battery cell becomes lower than
the overcharge release voltage (VOCR) through
self-discharge.
The voltage of the battery cell falls below the
overcharge protection voltage (VOCP) and a load is
connected.
When the battery voltage is above VOCP, the
overcharge condition will not release even a load is
connected to the pack.
Overdischarge Protection
When the voltage of the battery cell goes below the
overdischarge protection voltage (VODP) beyond
the overdischarge delay time (TOD) period,
discharging is inhibited by turning off the discharge
control MOSFET. The default of overdischarge delay
time is 10ms. Inhibition of discharging is immediately
released when the voltage of the battery cell
becomes higher than overdischarge release voltage
(VODR) through charging.
Overcurrent Protection
In normal mode, the FS326E+G continuously
monitors the discharge current by sensing the
voltage of CS pin. If the voltage of CS pin exceeds
the overcurrent protection voltage (VOIP) beyond
the overcurrent delay time (TOI1) period, the
overcurrent
protection
circuit
operates
and
discharging is inhibited by turning off the discharge
control MOSFET. The overcurrent condition returns
to the normal mode when the load is released or the
impedance between BATT+ and BATT- is larger than
500kΩ. The FS326E+G provides two overcurrent
detection levels (0.15V and 1.35V) with two
overcurrent
delay
time
(TOI1
and
TOI2)
corresponding to each overcurrent detection level.
Charge Detection after Overdischarge
When overdischarge occurs, the discharge control
MOSFET turns off and discharging is inhibited.
However, charging is still permitted through the
parasitic diode of MOSFET. Once the charger is
connected to the battery pack, the FS326E+G
immediately turns on all the timing generation and
detection circuitry. Charging progress is sensed if
the voltage between CS and GND is below charge
detection threshold voltage (VCH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com