Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP6131DECT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECT
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECT Datasheet(HTML) 4 Page - Texas Instruments

  TMP6131DECT Datasheet HTML 1Page - Texas Instruments TMP6131DECT Datasheet HTML 2Page - Texas Instruments TMP6131DECT Datasheet HTML 3Page - Texas Instruments TMP6131DECT Datasheet HTML 4Page - Texas Instruments TMP6131DECT Datasheet HTML 5Page - Texas Instruments TMP6131DECT Datasheet HTML 6Page - Texas Instruments TMP6131DECT Datasheet HTML 7Page - Texas Instruments TMP6131DECT Datasheet HTML 8Page - Texas Instruments TMP6131DECT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
TMP61
SBOS921 – DECEMBER 2018
www.ti.com
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Theseare stress ratings
only, which do not imply functional operation of the device at these or anyother conditions beyond those indicated under Recommended
OperatingConditions. Exposure to absolute-maximum-rated conditions for extended periods mayaffect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage across the device
+6
V
Current through the device
+450
µA
Junction temperature (TJ)
–65
+150
°C
Storage temperature (Tstg)
–65
+150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM) per JESD22-A114 (1)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
(2)
±750
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VSns
Voltage Across Pins 2 (+) and 1 (–)
0
5.5
V
ISns
Current passing through the device
0
400
µA
TA
Operating free-air temperature (specified performance) (X1SON/DEC Package)
–40
125
°C
TA
Operating free-air temperature (functional, unspecified performance) (X1SON/DEC Package)
–65
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
For information on self-heating and thermal response time see Layout Guidelines section.
(3)
The junction to ambient thermal resistance (RθJA ) under natural convection is obtained in a simulation on a JEDEC-standard, High-K
board as specified in JESD51-7, in an environment described in JESD51-2. Exposed pad packages assume that thermal vias are
included in the PCB, per JESD 51-5.
(4)
Changes in output due to self heating can be computed by multiplying the internal dissipation by the thermal resistance.
7.4 Thermal Information
THERMAL METRIC (1) (2)
TMP6131
Units
DEC (X1SON)
2 PINS
RθJA
Junction-to-ambient thermal resistance(3) (4)
443.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
195.7
°C/W
RθJB
Junction-to-board thermal resistance
254.6
°C/W
ΨJT
Junction-to-top characterization parameter
19.9
°C/W
ΨJB
Junction-to-board characterization parameter
254.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com