Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP6131DECT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP6131DECT
Description  Silicon-Based Linear Thermistor for Temperature Sensing
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP6131DECT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP6131DECT Datasheet HTML 2Page - Texas Instruments TMP6131DECT Datasheet HTML 3Page - Texas Instruments TMP6131DECT Datasheet HTML 4Page - Texas Instruments TMP6131DECT Datasheet HTML 5Page - Texas Instruments TMP6131DECT Datasheet HTML 6Page - Texas Instruments TMP6131DECT Datasheet HTML 7Page - Texas Instruments TMP6131DECT Datasheet HTML 8Page - Texas Instruments TMP6131DECT Datasheet HTML 9Page - Texas Instruments TMP6131DECT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Bias Current (PA)
0
50
100
150
200
250
300
350
400
450
500
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
d006
-40 qC
-25 qC
50 qC
100 qC
125 qC
Bias Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
d007
-40 qC
-25 qC
50 qC
100 qC
125 qC
Current Through TMP61, ISns (PA)
6240
6270
6300
6330
6360
6390
6420
6450
6480
6510
10
50
100
200
400
d004
Voltage Across TMP61, VSns (V)
6290
6300
6310
6320
6330
6340
0.9
1.25
1.65
2.5
d005
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
160
6
8
10
12
14
16
18
20
22
d002
IBIAS 10 PA
IBIAS 50 PA
IBIAS 100 PA
IBIAS 200 PA
IBIAS 400 PA
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
20
d003
VBias 1.8 V
VBias 2.5 V
VBias 3.3 V
VBias 5 V
6
TMP61
SBOS921 – DECEMBER 2018
www.ti.com
Product Folder Links: TMP61
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Typical Characteristics
at TA = 25°C, (unless otherwise noted)
TMP61: IBias = 10, 100, 200, and 400 µA
Figure 1. Resistance vs. Ambient Temperature Using
Multiple Bias Currents
TMP61: VBias = 1.8, 2.5, 3.3, and 5.0 V, RBias = 10 kΩ with ±0.01%
Tolerance
Figure 2. Resistance vs. Ambient Temperature Using
Multiple Bias Voltages
TMP61: ISns = 10, 100, 200, and 400 µA
Figure 3. TCR as a Function of Sense Currents ISns
TMP61: VSns = 1.8, 2.5, 3.3, and 5.0 V, RBias = 10 kΩ with ±0.01%
Tolerance
Figure 4. TCR as a Function of Sense Voltages, VSns
TMP61: TA = -40°C, 25°C, 50°C, 100°C, and 125°C
Figure 5. Supply Dependence R vs. IBias
TMP61: TA = -40°C, 25°C, 50°C, 100°C, & 125°C, RBias = 10 kΩ
with ±0.01% Tolerance
Figure 6. Supply Dependence R vs. VBias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com