Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES7322 Datasheet(PDF) 11 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 11 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7322 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Everest Semiconductor
ES7322
8.5 ADC Left Gain Control – 0x04
Bit Name
Bit
Description
ADCGainL
7:0
1110 1000 – 6.0 dB gain (PGA)
1110 1001 – 6.5 dB gain (PGA)
1110 1010 – 7.0 dB gain (PGA)
1110 1011 – 7.5 dB gain (PGA)
1110 1100 – 8.0 dB gain (PGA)
1110 1101 – 8.5 dB gain (PGA)
1110 1110 – 9.0 dB gain (PGA)
1110 1111 – 9.5 dB gain (PGA)
1111 0000 – 10.0 dB gain (PGA)
1111 0001 – 10.5 dB gain (PGA)
1111 0010 – 11.0 dB gain (PGA)
1111 0011 – 11.5 dB gain (PGA)
1111 0100 – 6.0 dB attenuation (PGA)
1111 0101 – 5.5 dB attenuation (PGA)
1111 0110 – 5.0 dB attenuation (PGA)
1111 0111 – 4.5 dB attenuation (PGA)
1111 1000 – 4.0 dB attenuation (PGA)
1111 1001 – 3.5 dB attenuation (PGA)
1111 1010 – 3.0 dB attenuation (PGA)
1111 1011 – 2.5 dB attenuation (PGA)
1111 1100 – 2.0 dB attenuation (PGA)
1111 1101 – 1.5 dB attenuation (PGA)
1111 1110 – 1.0 dB attenuation (PGA)
1111 1111 – 0.5 dB attenuation (PGA)
0000 0000 – no gain or attenuation (default)
0000 0001 – 0.5 dB gain (PGA)
0000 0010 – 1.0 dB gain (PGA)
0000 0011 – 1.5 dB gain (PGA)
0000 0100 – 2.0 dB gain (PGA)
0000 0101 – 2.5 dB gain (PGA)
0000 0110 – 3.0 dB gain (PGA)
0000 0111 – 3.5 dB gain (PGA)
0000 1000 – 4.0 dB gain (PGA)
0000 1001 – 4.5 dB gain (PGA)
0000 1010 – 5.0 dB gain (PGA)
0000 1011 – 5.5 dB gain (PGA)
0000 1100 – 6.0 dB gain (PGA)
0000 1101 – 11.5 dB attenuation (PGA)
0000 1110 – 11.0 dB attenuation (PGA)
0000 1111 – 10.5 dB attenuation (PGA)
0001 0000 – 10.0 dB attenuation (PGA)
Rev 3.0
April, 2006
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com