Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES7322 Datasheet(PDF) 13 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES7322
Description  100dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES7322 Datasheet(HTML) 13 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES7322 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 15Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 16Page - Suzhou Everest Semiconductor Co. Ltd. ES7322 Datasheet HTML 17Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Everest Semiconductor
ES7322
10 – Deemphasis filter for Fs=44.1 KHz
11 – Deemphasis filter for Fs=48 KHz
Reserved
0
Reserved
8.9 DAC Mute Control – 0x08
Bit Name
Bit
Description
DACMute
7
0 – unmute analog outputs for both channels (default)
1 – mute analog outputs for both channels
DACRampRate
6
These bits define volume control ramp rate:
00 – 0.5 dB per 4 LRCK (default)
01 – 0.5 dB per 8 LRCK
10 – 0.5 dB per 16 LRCK
11 – 0.5 dB per 32 LRCK
AutoMute
5
Auto mute function: long period of zero inputs (8k audio samples)
will mute the analog output. Any single non-zero input will un-mute.
0 – disable
1 – enable (default)
DACL=R
4
0 – normal (default)
1 – both channel volume control is set by Left Volume Control
register
DACSoftRamp
3
Soft ramp at mute and volume change:
0 – Disabled
1 – Enabled (default)
DACZeroCrs
1
Mute or volume change at zero crossing signal level to minimize
audible noise
0 – Disabled
1 – Enabled (default)
Reserved
0
Reserved
8.10 DAC Left Volume Control – 0x09
Bit Name
Bit
Description
DACVolumeL 7:0 Digital volume control setting attenuates the signal in 0.5 dB incremental
from 0 to –120 dB. Max setting is –120 dB.
0000 0000 – no attenuation (default)
0000 0001 – 0.5 dB attenuation
0000 0010 – 1.0 dB attenuation
0000 0011 – 1.5 dB attenuation
……..
8.11 DAC Right Volume Control – 0x0a
Bit Name
Bit
Description
DACVolumeR 7:0 Same as DACVolumeL settings for DAC right channel
Rev 3.0
April, 2006
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com