Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DW01 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # DW01
Description  TestIfIcatIon of 2 V V, over release of 3.0 v ad
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

DW01 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  DW01 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd DW01 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd DW01 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd DW01 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd DW01 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DW01(A)
单节锂离子/聚合物电池保护 IC
第 1 页 共 5 页 
产品描述
DW01 是单节锂电池保护电路,为避免锂电池因
过充电、过放电、电流过大导致电池寿命缩短
或电池被损坏而设计的。它具有高精确度的电
压检测与时间延迟电路。带 0V 充电,自恢复。
主要特点
◆ 工作电流低;
◆ 过充检测 4.28V,过充释放 4.10V;
◆ 过放检测 2.4V,过放释放 3.0V;
◆ 过流检测 0.15V,短路电流检测 1.3V;
◆ 充电器检测;
◆ 过电流保护复位电阻;
◆ 带自恢复功能;
◆ 0V 充电;
◆ 工作电压范围广;
◆ 小封装 SOT23-6。
典型应用电路图
单节锂电池保护电路


Similar Part No. - DW01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DW01 ETC2-DW01 Datasheet
615Kb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
TECH PUBLIC Electronics...
DW01 TECHPUBLIC-DW01 Datasheet
2Mb / 6P
DW01
logo
Fortune Semiconductor C...
DW01+G FORTUNE-DW01+G Datasheet
876Kb / 19P
One Cell Lithium-ion/Polymer Battery Protection IC
DW01-G FORTUNE-DW01-G Datasheet
876Kb / 19P
One Cell Lithium-ion/Polymer Battery Protection IC
DW01-P FORTUNE-DW01-P Datasheet
606Kb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
More results

Similar Description - DW01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
TA48018F TOSHIBA-TA48018F Datasheet
265Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Texas Instruments
SN74HC174DT TI-SN74HC174DT Datasheet
1Mb / 22P
Wide Operating Voltage Range of 2 V to 6 V
logo
Altera Corporation
5AGXFB7K4F40I3N ALTERA-5AGXFB7K4F40I3N Datasheet
522Kb / 39P
Key Advantages of Arria V Devices
5CGXFC7D6 ALTERA-5CGXFC7D6 Datasheet
497Kb / 35P
Key Advantages of Cyclone V Devices
5CSXFC6D ALTERA-5CSXFC6D Datasheet
497Kb / 35P
Key Advantages of Cyclone V Devices
logo
Xilinx, Inc
XC3000L XILINX-XC3000L Datasheet
51Kb / 8P
Part of the ZERO family of 3.3 V FPGAs
logo
Texas Instruments
AMC1035 TI1-AMC1035_18 Datasheet
423Kb / 22P
Delta-Sigma Modulator With Bipolar Input of (,-)1 V and Reference Output of 2.5 V
AMC1035_1811 TI1-AMC1035_1811 Datasheet
1Mb / 33P
Delta-Sigma Modulator With Bipolar Input of (-)1 V and Reference Output of 2.5 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com