Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD0255b Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FD0255b
Description  Smart motor driver with embedded Hall sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0255b Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FD0255b Datasheet HTML 1Page - Feeling Technology Corp. FD0255b Datasheet HTML 2Page - Feeling Technology Corp. FD0255b Datasheet HTML 3Page - Feeling Technology Corp. FD0255b Datasheet HTML 4Page - Feeling Technology Corp. FD0255b Datasheet HTML 5Page - Feeling Technology Corp. FD0255b Datasheet HTML 6Page - Feeling Technology Corp. FD0255b Datasheet HTML 7Page - Feeling Technology Corp. FD0255b Datasheet HTML 8Page - Feeling Technology Corp. FD0255b Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FD0251b
FD0255b
Rev1.9 Dec. 18, 2008
P.3
FEELING
TECHNOLOGY
PWM control
PWM(pulse-width modulation) is used for the speed control for FD0255b. 2 types of PWM input signals can be
used :
1.
Voltage mode PWM :
Applying a constant(DC) voltage to the PWM pin and the FD0255b will generate PWM pulses internally with
the “ON” duty cycle ratio according to the diagram below(Figure.3), which can be utilized by the user to control
the speed of the motor. The rotation speed will be higher if the voltage applied to the PWM pin is higher.
Figure.3
2.
Pulse mode PWM :
User can also apply PWM pulses directly to the PWM pin. The FD0255b will pass this pulse to the coil driver
with the original duty-cycle ratio.
Note:
(1) This function is only available for FD0255b
(2) While using pulse mode PWM, the “High” Value of the input pulse should be higher than 0.5*VDD and the
“Low” value should be lower than 0.14*VDD
(3) The lower-limit for the PWM pulse frequency is 200Hz, and the recommended frequency range is higher
than 30KHz where the PWM input pulses will not generate acoustic noise.
Note. The “PWM” pin contains an internal pull-up resistor so the FD0255b will rotate at full-speed(100% ON)
when this pin is left un-connected(floating).
"ON" ratio
0.14VDD
0.5VDD
0%
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com