Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD0255b Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FD0255b
Description  Smart motor driver with embedded Hall sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FD0255b Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FD0255b Datasheet HTML 1Page - Feeling Technology Corp. FD0255b Datasheet HTML 2Page - Feeling Technology Corp. FD0255b Datasheet HTML 3Page - Feeling Technology Corp. FD0255b Datasheet HTML 4Page - Feeling Technology Corp. FD0255b Datasheet HTML 5Page - Feeling Technology Corp. FD0255b Datasheet HTML 6Page - Feeling Technology Corp. FD0255b Datasheet HTML 7Page - Feeling Technology Corp. FD0255b Datasheet HTML 8Page - Feeling Technology Corp. FD0255b Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FD0251b
FD0255b
Smart motor driver with embedded Hall sensor
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.9 Dec. 18, 2008
P.1
FEELING
TECHNOLOGY
FEATURES
Motor driver with integrated Hall sensor
High current driving capability
Lock-shutdown protection & auto-restart function
Built-in FG(frequency generation) signal output “Soft-switch” phase-switching technique to reduce vibration
and acoustic noise
Thermal shutdown protection
PWM speed control(only available for FD0255b)
Available in both T825(FD0251b) and T826(FD0255b) packages
GENERAL DESCRIPTION
FD0251b/FD0255b is a single coil motor driver with embedded Hall sensor. It integrates the motor driver with the
Hall sensor, which simplifies the PCB(printed circuit board) design and make the fabrication of small-size motors
possible.
Lock-shutdown and auto-restart function keeps the motor from being over-heated and restarts the motor after being
locked.
FD0251b and FD0255b are built-in the signal output of rotation speed function, the system could detect the rotation
speed of motor when using FD0251b and FD0255b.
“Soft-switch” phase-switching technique is used to reduce the vibration and acoustic noise.
Thermal-shutdown protection ensures the motor driver to operate under specified temperature ranges.
All the protection mechanisms mentioned above combine to provide a complete protecting scenario for the motor
system, keep the motor system from possible damages and guarantee correct operations.
BLOCK DIAGRAM
Figure.1
Halogen
Free
Bias Generator
Coil Driver
Oscillator
Hall Plate
Reset
Power-On
Digital control logics
Chopper amplifier
PWM control


Similar Part No. - FD0255b

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FD0255f FEELING-FD0255f Datasheet
152Kb / 12P
Smart motor driver with embedded Hall sensor
FD0255fR-G1 FEELING-FD0255fR-G1 Datasheet
152Kb / 12P
Smart motor driver with embedded Hall sensor
More results

Similar Description - FD0255b

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FD115CH FEELING-FD115CH Datasheet
498Kb / 12P
Smart motor driver with embedded Hall sensor
FD0250F FEELING-FD0250F Datasheet
211Kb / 11P
Smart motor driver with embedded Hall sensor
FD0251F FEELING-FD0251F Datasheet
152Kb / 12P
Smart motor driver with embedded Hall sensor
FD0252B FEELING-FD0252B Datasheet
256Kb / 13P
Smart motor driver with embedded Hall sensor
FD0252F FEELING-FD0252F Datasheet
253Kb / 15P
Smart motor driver with embedded Hall sensor
FD0259F FEELING-FD0259F Datasheet
225Kb / 12P
Smart motor driver with embedded Hall sensor
FD1157AH FEELING-FD1157AH Datasheet
333Kb / 11P
Smart motor driver with embedded Hall sensor
FD1257AH FEELING-FD1257AH Datasheet
272Kb / 12P
Smart motor driver with embedded Hall sensor
FD1257H FEELING-FD1257H Datasheet
317Kb / 10P
Smart motor driver with embedded Hall sensor
FD2257H FEELING-FD2257H Datasheet
251Kb / 12P
Smart motor driver with embedded Hall sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com