Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5805GS Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD5805GS
Description  Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5805GS Datasheet(HTML) 2 Page - Leadtrend Technology

  LD5805GS Datasheet HTML 1Page - Leadtrend Technology LD5805GS Datasheet HTML 2Page - Leadtrend Technology LD5805GS Datasheet HTML 3Page - Leadtrend Technology LD5805GS Datasheet HTML 4Page - Leadtrend Technology LD5805GS Datasheet HTML 5Page - Leadtrend Technology LD5805GS Datasheet HTML 6Page - Leadtrend Technology LD5805GS Datasheet HTML 7Page - Leadtrend Technology LD5805GS Datasheet HTML 8Page - Leadtrend Technology LD5805GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LD5805
06/15/2015
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5805-DS-01 June 2015
Typical Application
CS
LED2
LPF
VCC
GND
LED3
COMP
LED4
LDR
EN
RT
VIN
PWM
OVP
LED1
ISET
VIN
LD5805
R1
R2
PWM
EN
Fig. 1: Application circuit for P-DIM 4 string LED light bar
VIN
LD5805
R1
R2
PWM
EN
RLPF
CLPF
CS
LED2
LPF
VCC
GND
LED3
COMP
LED4
LDR
EN
RT
VIN
PWM
OVP
LED1
ISET
Fig. 2: Application circuit for A-DIM 4 string LED light bar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com