Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5805GS Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD5805GS
Description  Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5805GS Datasheet(HTML) 5 Page - Leadtrend Technology

  LD5805GS Datasheet HTML 1Page - Leadtrend Technology LD5805GS Datasheet HTML 2Page - Leadtrend Technology LD5805GS Datasheet HTML 3Page - Leadtrend Technology LD5805GS Datasheet HTML 4Page - Leadtrend Technology LD5805GS Datasheet HTML 5Page - Leadtrend Technology LD5805GS Datasheet HTML 6Page - Leadtrend Technology LD5805GS Datasheet HTML 7Page - Leadtrend Technology LD5805GS Datasheet HTML 8Page - Leadtrend Technology LD5805GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LD5805
06/15/2015
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5805-DS-01 June 2015
Ordering Information
Part number
Package
Top Mark
Shipping
LD5805GHE1
TSSOP-EP-16
LD5805GHE1
2500 /tape & reel
LD5805GS1
SOP-16
LD5805GS1
2500 /tape & reel
LD5805GN1
DIP-16
LD5805GN1
1800 /Tube/ Carton
The LD5805 is ROHS compliant/Green packaged.
Pin Descriptions
SOP/DIP
TSSOP
NAME
FUNCTION
1
5
LED4
LED String 4 Current Input.
2
6
ISET
LED current resistor setting
3
7
OVP
Output voltage and short detection pin.
4
8
RT
Operating frequency resistor setting
5
9
EN
Chip Enable pin, when pull-low is in shutdown mode.
6
10
CS
Power MOSFET Current Sense
7
11
LDR
Gate drive signal for external MOSFET.
8
12
VCC
Internal linear regulator output pin. Bypass with VCC to GND with a
ceramic capacitor of 1
F or greater. VCC is for chip internal use only.
9
13
VIN
Input Power of the chip. Bypass with at least 1
F ceramic capacitor
close to VIN pin.
10
14
LPF
Output dimming mode selection, This pin is connected with
capacitance for Analog dimming output.
11
15
COMP
Soft star Compensation circuit for Boost topology.
12
16
PWM
Input PWM Dimming Signal for brightness control
13
1
LED1
LED String 1 Current Input.
14
2
LED2
LED String 2 Current Input.
15
3
GND
Ground
16
4
LED3
LED String 3 Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com