Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES8396 Datasheet(PDF) 6 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8396
Description  Low Power Stereo Audio CODEC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8396 Datasheet(HTML) 6 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8396 Datasheet HTML 2Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 3Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 4Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Everest Semiconductor
Confidential
ES8396
Revision 5.0
6
March 2018
4. CLOCK MODES AND SAMPLING FREQUENCIES
The device supports three types of clocking: standard audio clocks (256Fs, 384Fs, 512Fs, etc),
USB clocks (12/24 MHz), and an on-chip 22-bit fractional PLL clock.
According to the serial audio data sampling frequency (Fs), the device can work in two speed
modes: single speed mode or double speed mode. In single speed mode, Fs normally ranges
from 8 kHz to 48 kHz, and in double speed mode, Fs normally range from 64 kHz to 96 kHz.
The device can work either in master clock mode or slave clock mode. In slave mode, LRCK and
SCLK are supplied externally, and LRCK and SCLK must be synchronously derived from the
system clock with specific rates. In master mode, LRCK and SCLK are derived internally from
device master clock.
5. MICRO-CONTROLLER CONFIGURATION INTERFACE
The device supports standard I2C micro-controller configuration interface. External micro-
controller can completely configure the device through writing to internal configuration
registers.
I2C interface is a bi-directional serial bus that uses a serial data line (SDA) and a serial clock line
(SCL) for data transfer. The timing diagram for data transfer of this interface is given in Figure 1.
Data are transmitted synchronously to SCL clock on the SDA line on a byte-by-byte basis. Each
bit in a byte is sampled during SCL high with MSB bit being transmitted firstly. Each transferred
byte is followed by an acknowledge bit from receiver to pull the SDA low. The transfer rate of
this interface can be up to 100 kbps.
Figure 1 Data Transfer for I2C Interface
A master controller initiates the transmission by sending a “start” signal, which is defined as a
high-to-low transition at SDA while SCL is high. The first byte transferred is the slave address. It
is a seven-bit chip address followed by a RW bit. The chip address must be 001000x, where x
equals AD0. The RW bit indicates the slave data transfer direction. Once an acknowledge bit is
received, the data transfer starts to proceed on a byte-by-byte basis in the direction specified by
the RW bit. The master can terminate the communication by generating a “stop” signal, which is
defined as a low-to-high transition at SDA while SCL is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com