Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES8396 Datasheet(PDF) 11 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8396
Description  Low Power Stereo Audio CODEC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8396 Datasheet(HTML) 11 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8396 Datasheet HTML 5Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8396 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Everest Semiconductor
Confidential
ES8396
Revision 5.0
11
March 2018
LRCK duty cycle
40
60
%
SCLK frequency
26
MHz
SCLK pulse width low
TSCLKL
15
ns
SCLK Pulse width high
TSCLKH
15
ns
SCLK falling to LRCK edge
TSLR
–10
10
ns
SCLK falling to SDOUT valid
TSDO
0
ns
SDIN valid to SCLK rising setup time
TSDIS
10
ns
SCLK rising to SDIN hold time
TSDIH
10
ns
Figure 8 Serial Audio Port Timing
I2C SWITCHING SPECIFICATIONS
PARAMETER
Symbol
MIN
MAX
UNIT
SCL Clock Frequency
FSCL
400
KHz
Bus Free Time Between Transmissions
TTWID
1.3
us
Start Condition Hold Time
TTWSTH
0.6
us
Clock Low time
TTWCL
1.3
us
Clock High Time
TTWCH
0.4
us
Setup Time for Repeated Start Condition
TTWSTS
0.6
us
SDA Hold Time from SCL Falling
TTWDH
900
ns
SDA Setup time to SCL Rising
TTWDS
100
ns
Rise Time of SCL
TTWR
300
ns
Fall Time SCL
TTWF
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com