Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7835GL Datasheet(PDF) 9 Page - Leadtrend Technology

Part # LD7835GL
Description  Non-isolation Buck Solution High Power Factor LED Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7835GL Datasheet(HTML) 9 Page - Leadtrend Technology

Back Button LD7835GL Datasheet HTML 5Page - Leadtrend Technology LD7835GL Datasheet HTML 6Page - Leadtrend Technology LD7835GL Datasheet HTML 7Page - Leadtrend Technology LD7835GL Datasheet HTML 8Page - Leadtrend Technology LD7835GL Datasheet HTML 9Page - Leadtrend Technology LD7835GL Datasheet HTML 10Page - Leadtrend Technology LD7835GL Datasheet HTML 11Page - Leadtrend Technology LD7835GL Datasheet HTML 12Page - Leadtrend Technology LD7835GL Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LD7835
9
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7835-DS-01 July 2015
Application Information
Operation Overview
LD7835 is an LED controller for lighting application. The
transition mode (TM) technique meets the requirements
for high power factor and high efficiency. It minimizes
the external component counts and the PCB size for
compact application.
The control mechanism of LD7835 is a voltage-mode
operation. The switch turn-on time is fixed while the
turn-off time varies in steady state. Therefore, the switch
frequency changes in response to the different voltages.
The affected frequency reduces EMI noise. LD7835 also
features LED open protection, LED short protection,
over current protection, and over temperature protection.
No extra mains voltage sensing is required as what the
traditional current mode PFC controllers behaves for
power saving.
Ramp
Generator
Block,
Zero
Current
Detection (ZCD) and ZCD OVP
Fig. 14 shows typical ramp generator block and ZCD
block. The COMP pin voltage and the output of the ramp
generator
block
are
compared
to determine
the
MOSFET On-time, as shown in Fig. 15.
The LD7835 features transition mode (TM) operation.
The zero current detection block circuit detects the ZCD
signal to turn on the MOSFET soon after the voltage
across ZCD falls to 0.6V and also the current through
the inductor reaches zero. Instead, if there’s no signal
detected within 160
s, the time-out will generate a
signal to turn on MOSFET to ensure the system operate
properly.
PWM Comparator
R
S
0.6V/1V
Ramp
Generator
1.2V
OCP
Comparator
COMP
Q
GM
Fmax
Limit
Time
Out
Vref
ZCD
FB
Max On
Limit
CS
Fig. 14
During the delay time as shown in Fig. 15, the junction
capacitor of the MOSFET resonates with the inductor
and
the
drain-source
voltage
(VDS)
decreases
accordingly. So, the MOSFET consumes less voltage
and the power dissipation will be minimized.
IPEAK
TON
TDIS
Inductor
Current
Inductor
Voltage
VDS
0A
0V
0V
-(VIN-VOUT)
Delay Time
VOUT
VIN
Minimum
Voltage Turn-on
OUT
VCMP
RAMP
ZCD
Voltage
0.6V
0
Rdown/(Rup+Rdown) ∙VOUT
Fig. 15
Fig. 16 illustrates the operation of over voltage
protection, where ZCD divider resistors continue to
detect the output voltage as the gate switches in off
state and return the information to ZCD. If the output
voltage increases to trip the threshold, it will signal that
there may be some LED(s) open.
The LD7835 will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com