Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7835GL Datasheet(PDF) 11 Page - Leadtrend Technology

Part # LD7835GL
Description  Non-isolation Buck Solution High Power Factor LED Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7835GL Datasheet(HTML) 11 Page - Leadtrend Technology

Back Button LD7835GL Datasheet HTML 5Page - Leadtrend Technology LD7835GL Datasheet HTML 6Page - Leadtrend Technology LD7835GL Datasheet HTML 7Page - Leadtrend Technology LD7835GL Datasheet HTML 8Page - Leadtrend Technology LD7835GL Datasheet HTML 9Page - Leadtrend Technology LD7835GL Datasheet HTML 10Page - Leadtrend Technology LD7835GL Datasheet HTML 11Page - Leadtrend Technology LD7835GL Datasheet HTML 12Page - Leadtrend Technology LD7835GL Datasheet HTML 13Page - Leadtrend Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LD7835
11
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7835-DS-01 July 2015
Over Current Protection (OCP)
The LD7835 detects the MOSFET current from the CS
pin, which is for the pulse-by-pulse current limit and
output
current
feedback.
The
maximum
voltage
threshold of the CS pin is set at 1.2V. From above, the
MOSFET peak current can be obtained from below.
��������
=
����
����
Over Voltage Protection (VCC OVP)
The maximum rating of the VCC pin is limited below 30V.
To prevent VCC from damage due to fault condition, the
LD7835 is implemented with OVP function on VCC pin,
this value is about 28V. As soon as the VCC voltage is
over OVP threshold voltage, the output gate drive circuit
will be shutdown simultaneously thus to stop the
switching of the power MOSFET until the next UVLO
(ON) arrives. The VCC OVP function of the LD7835 is
an auto-recovery protection. The Fig. 18 shows its
operation. Upon removal of the OVP condition will
resume the VCC level and the output operation
VCC
UVLO(ON)
UVLO(OFF)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig. 18
Output Drive Stage
An output stage of a CMOS buffer, with typical
250mA/-250mA driving capability, is incorporated to
drive the power MOSFET directly.
The output voltage
is clamped at 13V to protect the MOSFET gate even
when the VCC voltage rises over 13V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com