Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC817 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # PC817
Description  High isolation voltage between inputand output (Viso=5000 V rms )
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

PC817 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  PC817 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd PC817 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd PC817 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd PC817 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd PC817 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC817(D)
4 PIN DPHOTOTRANSISTOR PHOTOCOUPLER
 
  
 
第  2  页  共  5  页
Notes
1.AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1 & 2 are shorted together, and pins 3 &
4are shorted together.
2.For 10 seconds
Electrical characteristics (Ta=25 unless specified otherwise)
℃
Input
Output
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Collector-Emitter darkcurrent
ICEO
-
-
100
nA
VCE = 20V, IF = 0mA
Collector-Emitter
breakdown voltage
BVCEO
35
-
-
V
IC = 0.1mA
Emitter-Collector
breakdown voltage
BVECO
6
-
-
V
IE = 0.1mA
Transfer characteristics (Ta=25 unless specified otherwise)
℃
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Current
Transfer
ratio
817
CTR
50
-
600
%
IF = 5mA ,VCE = 5V
817A
80
-
160
817B
130
-
260
817C
200
-
400
817D
300
-
600
817L
50
-
100
Collector-Emitter
saturation voltage
VCE(sat)
0.1
0.2
V
IF =20mA ,IC = 1mA
Isolation resistance
RISO
5×1010
Ω
VIO = 500Vdc,
40~60% R.H
Floating capacitance
Cf
0.6
1.0
pF
VIO = 0,f = 1MHz
Cut-off frequency
fc
35
kHz
VCE = 5V,IC = 2mA
RL = 100Ω,-3dB
Rise time
tr
4
18
μs
VCE = 2V, IC =2mA,RL = 100Ω
Fall time
tf
3
18
μs
Typical values at Ta = 25℃
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
Reverse current
IR
-
10
uA
VR = 4V
Input capacitance
Ct
30
250
pF
V = 0, f = 1kHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com