Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC817 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # PC817
Description  High isolation voltage between inputand output (Viso=5000 V rms )
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

PC817 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  PC817 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd PC817 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd PC817 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd PC817 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd PC817 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PC817(D)
4 PIN DPHOTOTRANSISTOR PHOTOCOUPLER
 
  
 
第  1  页  共  5  页
Description
The 817 series of devices each consist of an infrared
emitting diodes, optically coupled to a phototransistor detector
encapsulated with green compound.The devices are in a 4-pin
DIP package and available in wide-lead spacing and SMD option.
Features
◆
Current transfer ratio(CTR: 50~600% at IF =5mA, VCE =5V)
◆
High isolation voltage between inputand output (Viso=5000 V rms )
◆
Creepage distance >7.62 mm.
◆℃
Operating temperature up to +110
◆
Compact small outline package
◆
Pb free and RoHS compliant.
Applications
◆
Programmable controllers.
◆
System appliances, measuring instruments.
◆
Telecommunication equipments.
◆
Home appliances, such as fan heaters, etc.
◆
Signal transmission between circuits of different potentials and impedances.
Absolute maximum ratings (Ta=25 )
℃
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6
V
Power dissipation
Derating factor (above Ta = 100℃)
PD
70
mW
2.9
mW/℃
Output
Power dissipation 150 mW
Derating factor (above Ta = 100℃)
PC
150
mW
5.8
mW/℃
Collector current
IC
50
mA
Collector-Emitter voltage
VCEO
35
V
Emitter-Collector voltage
VECO
6
V
Total power dissipation
PTOT
200
mW
Isolation voltage *1
VISO
5000
V rms
Operating temperature
Topr
-40~+110
℃
Storage temperature
Tstg
-55~+125
℃
Soldering temperature *2
Tsol
260
℃


Similar Part No. - PC817

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817 SHARP-PC817 Datasheet
549Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
November 28, 1995
PC817 SHARP-PC817 Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC817 SHARP-PC817 Datasheet
511Kb / 11P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
June 14, 1996
logo
Guangdong Kexin Industr...
PC817 KEXIN-PC817 Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
First Silicon Co., Ltd
PC817 FS-PC817 Datasheet
140Kb / 4P
1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
2016. 07. 30 Rev No : 0
More results

Similar Description - PC817

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-817C LITEON-LTV-817C Datasheet
600Kb / 15P
High input-output isolation voltage
logo
ISOCOM COMPONENTS
IS281-4GB ISOCOM-IS281-4GB Datasheet
258Kb / 10P
Current transfer ratio, Isolation voltage between input and output
logo
Toshiba Semiconductor
TLP705A TOSHIBA-TLP705A Datasheet
392Kb / 16P
Isolation voltage - 5000 Vrms (min)
logo
Taoglas antenna solutio...
MA510.C.CG.005 TAOGLAS-MA510.C.CG.005 Datasheet
1Mb / 23P
High Isolation Between Antenna Elements
MA510.C.W.CG.002 TAOGLAS-MA510.C.W.CG.002 Datasheet
1Mb / 25P
High Isolation between Antenna Elements
MA530.C.CG.003 TAOGLAS-MA530.C.CG.003 Datasheet
1Mb / 17P
High Isolation between Antenna Elements
logo
Broadcom Corporation.
OPTION020 BOARDCOM-OPTION020 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
E55361 AVAGO-E55361 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
E&E Magnetic Products L...
834-00032F EEMAGNETIC-834-00032F Datasheet
115Kb / 2P
High Isolation between Gate and Drive
logo
First Silicon Co., Ltd
JC357 FS-JC357 Datasheet
572Kb / 6P
High isolation voltage between input and output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com