Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM8PC71AM Datasheet(PDF) 4 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 4 Page - Feeling Technology Corp.

  FM8PC71AM Datasheet HTML 1Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 2Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 3Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 4Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 5Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 6Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 7Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 8Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.4
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
【3】Power and Reset Management .................................................................................... 27
Address 12H: Power Control Register (PCON)............................................... 27
【4】Clock Control................................................................................................................ 29
Address 13H: Clock configuration (CLKCFG) ............................................... 29
4.1 Crystal/RC/OSC connect ................................................................................................. 30
【5】System Operating Mode .............................................................................................. 32
5.1 Overview ............................................................................................................ 32
【6】PWM Description ......................................................................................................... 35
6.0 PWM/Buzzer Overview ..................................................................................... 35
6.1 PWM0 Register .................................................................................................. 37
Address 14H: PWM0 configuration Register(PWM0CON)............................ 37
Address 15H: PWM0 Control Register (PWM0CR) ....................................... 38
Address 16H: PWM0 Timer Low byte value Register (P0TMLB).................. 39
Address 16H: PWM0 Timer Divider parameter Register (N0)........................ 39
Address 17H: PWM0 Timer compared or overflow reload Low byte value
Register (P0RDLB) .......................................................................................... 39
Address 18H: PWM0 Timer and Reload High-nibble bits Register(P0TRHB)
.......................................................................................................................... 39
6.2 PWM1 Registers................................................................................................. 40
Address 19H: PWM1 configuration Register(PWM1CON)............................ 40
Address 1AH: PWM1 Control Register (PWM1CR) ...................................... 41
Address 1BH: PWM1 Timer Low byte value Register (P1TMLB) ................. 41
Address 1CH: PWM1 Timer compared or overflow reload Low byte value
Register (P1RDLB) .......................................................................................... 42
Address 1DH: PWM1 Timer and High-nibble bits Register(P1TRHB) .......... 42
6.3 PWM2 Registers................................................................................................. 43
Address 1EH: PWM2 configuration Register(PWM2CON) ........................... 43
Address 1FH: PWM2 Control Register (PWM2CR) ....................................... 44
Address 20H: PWM2 Timer Low byte value Register (P2TMLB).................. 45
Address 20H: PWM2 Timer Divider parameter Register (N2)........................ 45
Address 21H: PWM2 Timer compared or overflow reload Low byte value
Register (P2RDLB) .......................................................................................... 45
Address 22H: PWM2 Timer and reload High-nibble bits Register(P2TRHB) 45
6.3 PWM3 Registers................................................................................................. 46
Address 23H: PWM3 configuration Register(PWM3CON)............................ 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com