Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM8PC71AM Datasheet(PDF) 17 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 17 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 13Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 14Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 15Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 16Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 17Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 18Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 19Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 20Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 21Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.17
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
2.2 Program Counter least significant 8 bits
A special computed GOTO is accomplished by adding an offset to the program counter (ADDAR PCR,R). When
doing a table read using this method, care should be taken if the table location crosses a PCL memory boundary
(256-word block).
Address 02H: Low bytes of Program Counter(PCL)
Bits
7
6
5
4
3
2
1
0
Name
Uses contents of FSR to address data memory
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Example: Create table
MOVR TABLECNT,A
CALL
TABLE1
.
.
TABLE1
: ADDAR
PCL,R
; PCL = TABLECNT
RETIA
00h
; TABLECNT=0
RETIA
01H
; TABLECNT=1
RETIA
02H
; TABLECNT=2
RETIA
02H
; TABLECNT=3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com