Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3595LD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3595LD
Description  The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3595LD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3595LD Datasheet HTML 1Page - National Semiconductor (TI) LM3595LD Datasheet HTML 2Page - National Semiconductor (TI) LM3595LD Datasheet HTML 3Page - National Semiconductor (TI) LM3595LD Datasheet HTML 4Page - National Semiconductor (TI) LM3595LD Datasheet HTML 5Page - National Semiconductor (TI) LM3595LD Datasheet HTML 6Page - National Semiconductor (TI) LM3595LD Datasheet HTML 7Page - National Semiconductor (TI) LM3595LD Datasheet HTML 8Page - National Semiconductor (TI) LM3595LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM3595
Parallel White-LED Driver
General Description
The LM3595 is a parallel white-LED driver that is capable of
driving four white LEDs. It can supply a total output current of
100mA over an input voltage range of 3.0V to 5.5V. The
amount of constant current sourced to the outputs is user
selectable using one external sense resistor.
LM3595 typically draws 0.03µA when placed in shutdown,
and 200µA when operating in the no-load condition. If any of
the outputs are not used, leave the pin(s) unconnected.
Brightness can be controlled by both analog and PWM tech-
niques. A voltage between 0V and 3V may be applied to the
BRGT pin to vary the current. Output current will linearly
track the voltage applied to the BRGT pin. An active-low
level must be present on the BR-ON pin for analog bright-
ness control to be disabled. Alternatively, a PWM signal can
be applied to the EN pin to vary the perceived brightness of
the LED.
The LM3595 uses an active-high enable level. The LM3595
is available in National’s LLP-10 package.
Features
n
Regulated I
OUT with ± 0.5% matching between constant
current outputs
n
Drives one, two, three or four white LED’s with no bias
resistors
n
3.0V to 5.5V Input voltage
n
Up to 100mA output current
n
Active-High Enable Pin
n
Analog Brightness Control
n
Very small solution size
n
LLP-10 package: 3.0mm x 3.0mm x 0.8mm
n
Very Low Shutdown current (0.03µA typ.)
Applications
n
Portable devices using white or blue LEDs with display
and backlight or frontlight
n
Keypad LEDs
n
Strobe LEDs
Typical Application Circuit
20072201
August 2003
© 2003 National Semiconductor Corporation
DS200722
www.national.com


Similar Part No. - LM3595LD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM359 NSC-LM359 Datasheet
742Kb / 24P
Dual, High Speed, Programmable, Current Mode Norton Amplifiers
logo
Texas Instruments
LM359 TI-LM359 Datasheet
1Mb / 34P
LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
LM359 TI1-LM359 Datasheet
1Mb / 34P
Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
logo
National Semiconductor ...
LM3590 NSC-LM3590 Datasheet
205Kb / 9P
LM3590Series White LED Driver
LM359J NSC-LM359J Datasheet
742Kb / 24P
Dual, High Speed, Programmable, Current Mode Norton Amplifiers
More results

Similar Description - LM3595LD

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9140 CALMIRCO-CM9140 Datasheet
311Kb / 12P
Four Output Driver for White LEDs
logo
Eutech Microelectronics...
EUP3595 EUTECH-EUP3595 Datasheet
400Kb / 10P
Parallel White-LED Driver
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Allegro MicroSystems
A3988 ALLEGRO-A3988_11 Datasheet
333Kb / 14P
The A3988 is a quad DMOS full-bridge driver capable of driving up to two stepper motors or four DC motors.
A8514 ALLEGRO-A8514 Datasheet
1Mb / 35P
The A8514 is a multi-output white LED driver for small-size LCD backlighting.
A8521 ALLEGRO-A8521 Datasheet
1Mb / 35P
The A8521 is a multi-output white LED driver for small-size LCD backlighting.
logo
Diodes Incorporated
ZXGD3104EV2 DIODES-ZXGD3104EV2 Datasheet
201Kb / 8P
The purpose of this board is to demonstrate the driving of a synchronous MOSFET
Rev erse
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
Four White LED Backlight Driver
REV. C
ADIS16IMU1 AD-ADIS16IMU1 Datasheet
349Kb / 6P
Here is a picture of the contents that come with
Rev 25 Jun 2013 19:50
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com