Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3595LD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3595LD
Description  The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3595LD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3595LD Datasheet HTML 3Page - National Semiconductor (TI) LM3595LD Datasheet HTML 4Page - National Semiconductor (TI) LM3595LD Datasheet HTML 5Page - National Semiconductor (TI) LM3595LD Datasheet HTML 6Page - National Semiconductor (TI) LM3595LD Datasheet HTML 7Page - National Semiconductor (TI) LM3595LD Datasheet HTML 8Page - National Semiconductor (TI) LM3595LD Datasheet HTML 9Page - National Semiconductor (TI) LM3595LD Datasheet HTML 10Page - National Semiconductor (TI) LM3595LD Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Application Information (Continued)
diode by the LM3595. Power dissipation must be less than
that allowed by the package. Please refer to the Absolute
Maximum Rating of the LM3595.
INPUT CAPACITOR SELECTION
The LM3595 is designed to run off of a fixed input voltage.
Depending on the stability and condition of this voltage rail, it
may be necessary to add a small input capacitor to help filter
out any noise that may be present on the line. In the event
that filtering is needed, surface-mount multi-layer ceramic
capacitors are recommended. These capacitors are small
and inexpensive. A capacitance of 1µF is typically sufficient.
THERMAL PROTECTION
The LM3595 has internal thermal protection circuitry to dis-
able the part if the junction temperature exceeds 150˚C. This
feature will protect the device from damage due to excessive
power dissipation. The device will recover and operate nor-
mally when the junction temperature falls below the maxi-
mum operating junction temperature of 105˚C. It is important
to have good thermal conduction with a proper layout to
reduce thermal resistance.
PCB LAYOUT CONSIDERATIONS
The LLP is a leadframe based Chip Scale Package (CSP)
with very good thermal properties. This package has an
exposed DAP (die attach pad) at the center of the package
measuring 2.0mm x 1.2mm. The main advantage of this
exposed DAP is to offer lower thermal resistance when it is
soldered to the thermal land on the PCB. For PCB layout,
National highly recommends a 1:1 ratio between the pack-
age and the PCB thermal land. To further enhance thermal
conductivity, the PCB thermal land may include vias to a
ground plane. For more detailed instructions on mounting
LLP packages, please refer to National Semiconductor Ap-
plication Note AN-1187.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com