Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSP1_Eval-Kit Datasheet(PDF) 6 Page - RFbeam Microwave GmbH

Part # RSP1_Eval-Kit
Description  Radar Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

RSP1_Eval-Kit Datasheet(HTML) 6 Page - RFbeam Microwave GmbH

Back Button RSP1_Eval-Kit Datasheet HTML 2Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 3Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 4Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 5Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 6Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 7Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 8Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 9Page - RFbeam Microwave GmbH RSP1_Eval-Kit Datasheet HTML 10Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
RFbeam Microwave GmbH
RSP1 Radar Processor
Datasheet
5.4 Internal signal representation
RSP1 computes the complex amplitude spectrum of the input I/Q signals.
Analog conversion is performed with 12Bit resolution. In order to get better accuracy in fixpoint
calculations, ADC result is left shifted by 4 bits resulting in a value range from -32'768 … 32'767.
All internal processing and signal parameter settings are based on logarithmic FFT results.
This allows optimal handling of small signals and fits well to the Radar signal vs. object distance
behaviour.
Parameters returning levels such as $R02, $L00, $D00 return logarithmic scaled results
Step
Processing stage
Value range
Remark
1
Input signal (Radar Common input = 1.65V)
3.3Vpp (A=1) .. 206mVpp (A=16)
resolution 806µV/bit @A=1
2
Internal amplification
A = 1, 2, 4, 8, 16
Parameter S09
3
AD conversion 12 bit signed
-2048 … + 2047
2 channels in parallel
4
Internal representation * 16
-32768 … + 32767
used to enhance FFT accuracy
5
16/32 bit fix point FFT with Hamming window
magnitude 0 … 23'168
6
log conversion in fixpoint form x.yy
log10 as integer: 0 … 437
corresponds to 0 … 4.37
Table 3: Internal processing stages
Value
Range / conversion
Remark
Input voltage at Radar input
1.65Vp = 1.17Vrms
Gain A = 1; parameter S09= 0
Input voltage at Radar input
193mVp = 72.9mVrms
Gain A = 16; parameter S09 = 4
Maximal internal signal level
437
logarithmic magnitude level * 100
Internal signal level relation to dB
dB
≙ value / 5
Internal FFT magnitude at 1Vrms input [dBVrms] = value - 86
430 / 5 = 86
Max. input frequency
640Hz .. 11.25kHz
sampling rate / 2 (see parameter S03)
Frequency resolution
sampling rate / 256
5Hz ... 88Hz
Speed resolution
0.1km/h ... 2km/h
corresponds to 5Hz to 88Hz
Table 4: Useful signal level conversions
© RFbeam Microwave GmbH www.rfbeam.ch
December 11, 2015
6/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com