Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F103C4T6 Datasheet(PDF) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F103C4T6
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F103C4T6 Datasheet(HTML) 16 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F103C4T6 Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
SPI NOR
Flash
14
SPI NOR Flash
GD SPI NOR Flash Features
◆
Single Power Supply Voltage
- Voltage range: 2.7V~3.6V
◆
High Speed Clock Frequency
- Maximum 120MHz for fast
read with 30pF load*
- Dual I/O Data transfer up to
240Mbits/s
- Quad I/O Data transfer up to
480Mbits/s
- Continuous Read With
8/16/32/64-Byte Wrap
◆
Flexible Memory Architecture
- Sector Size: 4K Bytes
- Block Size: 32/64K Bytes
◆
Single Power Supply Voltage
- Voltage range: 2.3V~3.6V
◆
High Speed Clock Frequency
- Maximum 104MHz for fast
read with 30pF load*
- Dual I/O Data transfer up to
208Mbits/s
- Quad I/O Data transfer up to
416Mbits/s
- Continuous Read With
8/16/32/64-Byte Wrap
◆
Flexible Memory Architecture
- Sector Size: 4K Bytes
- Block Size: 32/64K Bytes
3.0V
2.5V
1.8V
◆
Single Power Supply Voltage
- Voltage range: 1.65V~2.0V
◆
High Speed Clock Frequency
- 120MHz for fast read with
30pF load*
- Dual I/O Data transfer up to
240MHZ
- Quad I/O Data transfer up to
480Mbits/s
- QPI Data transfer up to
480Mbits/s
- Continuous Read With
8/16/32/64-Byte Wrap
◆
Flexible Memory Architecture
- Sector Size: 4K Bytes
- Block Size: 32/64K Bytes
GD SPI NOR Flash Part Number Definition
* This feature is available on most of devices. Please refer to page 16-19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com