Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F103C4T6 Datasheet(PDF) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F103C4T6
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F103C4T6 Datasheet(HTML) 26 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F103C4T6 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C4T6 Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Flash Package
Options
24
Flash Package
Options
T
SOP8 150mil
Length(Normal)
4.90
Width(Normal)
6.00
Thickness(Max)
1.75
Pitch(Normal)
1.27
mm
S
SOP8 208mil
Length(Normal)
5.23
Width(Normal)
7.90
Thickness(Max)
2.16
Pitch(Normal)
1.27
mm
M
VSOP8 150mil
Length(Normal)
4.90
Width(Normal)
6.00
Thickness(Max)
0.90
Pitch(Normal)
1.27
mm
V
VSOP8 208mil
Length(Normal)
5.28
Width(Normal)
7.90
Thickness(Max)
1.00
Pitch(Normal)
1.27
mm
O
TSSOP8 173mil
Length(Normal)
2.96
Width(Normal)
6.40
Thickness(Max)
1.20
Pitch(Normal)
0.65
mm
F
SOP16 300mil
Length(Normal)
10.30
Width(Normal)
10.35
Thickness(Max)
2.75
Pitch(Normal)
1.27
mm
P
DIP8 300mil
Length(Normal)
9.32
Width(Normal)
7.94
Thickness(Max)
3.50
Pitch(Normal)
2.54
mm
Z
TFBGA-24ball 6*8mm (6*4ball array)
Length(Normal)
6.00
Width(Normal)
8.00
Thickness(Max)
1.20
Pitch(Normal)
1.00
mm
B
TFBGA-24ball 6*8mm (5*5ball array)
Length(Normal)
6.00
Width(Normal)
8.00
Thickness(Max)
1.20
Pitch(Normal)
1.00
mm
8
LGA8 3*2mm
Length(Normal)
3.00
Width(Normal)
2.00
Thickness(Max)
0.50
Pitch(Normal)
0.50
mm
9
LGA8 8*6mm
Length(Normal)
8.00
Width(Normal)
6.00
Thickness(Max)
0.80
Pitch(Normal)
1.27
mm
K
USON8 1.5*1.5mm
Length(Normal)
1.50
Width(Normal)
1.50
Thickness(Max)
0.50
Pitch(Normal)
0.40
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com