Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F103C6T6 Datasheet(PDF) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F103C6T6
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F103C6T6 Datasheet(HTML) 17 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F103C6T6 Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 15Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 16Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 17Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 18Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 19Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
SPI NOR
Flash
15
GD SPI NOR Flash Feature List
Flash Type
3.0V
2.5V
1.8V
1.65-3.6V
Family
GD25Q GD25B GD25R GD25S GD25D GD25VQ GD25VE GD25VD GD25LQ GD25LB GD25LH GD25LE GD25LD GD25WD
Part No.
xxC
xxD
xxC
xxD
xxC
xxD
xxD
xxD
xxC
xxC
xxB
xxC
xxD
xxC
xxD
xxC
xxD
xxC
xxD
xxC
xxC
Single I/O (1-1-1)
•••••
•
•
•
•
•
•
•
•
•
Dual Output (1-1-2)
•••••
•
•
•
•
•
•
•
•
•
Dual I/O (1-2-2)
••••
•
•
•
•
•
•
Quad Output (1-1-4)
••••
•
•
•
•
•
•
Quad I/O (1-4-4)
••••
•
•
•
•
•
•
QPI (4-4-4)
••••
HOLD# Pin
••
•
•
•
•
H/W Reset (RESET# Pin)
*•
*
*
S/W Reset
••••
•
•
•
•
•
•
H/W Write Protection
(WP# Pin)
•
•
••••
•
•
•
•
S/W Write Protection
•••••
••••
•
•
•
•
•
Enhanced Block Protection
••••
•
•
•
•
•
•
Volatile & Non-volatile
Status Register Bit
••••
•
•
•
•
•
•
Output Driver Strength
***
•
*
*
Security Registers with
OTP Locks
••••
•
•
•
•
•
•
SFDP Register
••••
•
•
•
•
•
•
* This feature is supported by part of the family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com