Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD32F103C6T6 Datasheet(PDF) 27 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F103C6T6
Description  MCU
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F103C6T6 Datasheet(HTML) 27 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F103C6T6 Datasheet HTML 20Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 21Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 22Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 23Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 24Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 25Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 26Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 27Page - GigaDevice Semiconductor (Beijing) Inc. GD32F103C6T6 Datasheet HTML 28Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Flash Package
Options
25
Note:
1.
The values provided are the normal values for length, width
and pitch, as well as the max values for thickness.
2.
The pictures are for reference only, please subject to
practicality.
U
USON8 3*2mm (0.55mm)
Length(Normal)
3.00
Width(Normal)
2.00
Thickness(Max)
0.60
Pitch(Normal)
0.50
mm
E
USON8 3*2mm (0.45mm)
Length(Normal)
3.00
Width(Normal)
2.00
Thickness(Max)
0.50
Pitch(Normal)
0.50
mm
H
USON8 3*3mm
Length(Normal)
3.00
Width(Normal)
3.00
Thickness(Max)
0.60
Pitch(Normal)
0.50
mm
N
USON8 3*4mm
Length(Normal)
3.00
Width(Normal)
4.00
Thickness(Max)
0.60
Pitch(Normal)
0.80
mm
A
USON8 4*3mm
Length(Normal)
4.00
Width(Normal)
3.00
Thickness(Max)
0.60
Pitch(Normal)
0.80
mm
J
USON8 4*4mm (0.55mm)
Length(Normal)
4.00
Width(Normal)
4.00
Thickness(Max)
0.60
Pitch(Normal)
0.80
mm
Q
USON8 4*4mm (0.45mm)
Length(Normal)
4.00
Width(Normal)
4.00
Thickness(Max)
0.50
Pitch(Normal)
0.80
mm
W
WSON8 6*5mm
Length(Normal)
6.00
Width(Normal)
5.00
Thickness(Max)
0.80
Pitch(Normal)
1.27
mm
Y
WSON8 8*6mm
Length(Normal)
8.00
Width(Normal)
6.00
Thickness(Max)
0.80
Pitch(Normal)
1.27
mm
L
WLCSP
Depends on specific product
Flash P
Flash P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com