Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2003KV Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P2003KV
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P2003KV Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  P2003KV Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P2003KV Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P2003KV Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P2003KV Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dual P-Channel Enhancement Mode
Field Effect Transistor
P2003KV
SOP-8
Halogen-Free & Lead-Free
NIKO-SEM
3
Sep-21-2009
REV 0.9
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
RDS(ON) ╳
VGS=-10V
ID=-9A
RDS(ON) ╳
RDS(ON) ╳
RDS(ON) ╳
RDS(ON) ╳
RDS(ON) ╳
RDS(ON) ╳
RDS(ON) ╳
RDS(ON) ╳
0
2
4
6
8
10
0
5
10
15
20
25
30
ID=-9A
VDS=-15V
0
0.5
1
1.5
2
2.5
5
10
15
20
25
VGS = 3V
30
VGS = 4.5V
VGS = 7V
VGS = 10V
0
0
VGS = 4.5V
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
VGS = 10V
5
10
15
20
25
0
2
4
6
8
10
0
ID = -9A
0.02
0.04
0.06
0.08
0.10
Tj=125°C
0
5
10
15
20
25
Tj=-20°C
30
5.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Tj=25°C
VDS= -15V
Output Characteristics
-VDS, Drain-To-Source Voltage(V)
On-Resistance VS Drain Current
-ID , Drain-To-Source Current
On-Resistance VS Gate-To-Source
Voltage
-VGS, Gate-To-Source Voltage(V)
On-Resistance VS Temperature
TJ , Junction Temperature(
˚C)
Transfer Characteristics
-VGS, Gate-To-Source Voltage(V)
Gate charge Characteristics
Characteristics
Qg , Total Gate Charge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com