Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2003KV Datasheet(PDF) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P2003KV
Description  Dual P-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P2003KV Datasheet(HTML) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

  P2003KV Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P2003KV Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P2003KV Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P2003KV Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dual P-Channel Enhancement Mode
Field Effect Transistor
P2003KV
SOP-8
Halogen-Free & Lead-Free
NIKO-SEM
4
Sep-21-2009
REV 0.9
Capacitance Characteristic
Body Diode Forward Voltage VS Source current
single Pluse
Duty Cycle=0.5
0.2
0.1
0.05
0.02
0.01
1.00E-03
1.00E-02
1.00E-01
1.00E+00
1.00E+01
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Note
1.Duty cycle, D= t1 / t2
2.RthJA = 62.5 ℃/W
3.TJ-TA = P*RthJA(t)
4.RthJA(t) = r(t)*RthJA
Ciss
Coss
Crss
0.00E+00
4.00E+02
8.00E+02
1.20E+03
1.60E+03
2.00E+03
0
5
10
15
20
25
30
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
SINGLE PULSE
RθJA = 62.5˚ C/W
TA=25˚ C
1m s
100us
10S
1S
DC
100m s
10m s
0.01
0.1
1
10
100
1000
0.1
1
10
100
NOTE :
1.VGS= 10V
2.TA=25˚ C
3.RθJA = 62.5˚ C/W
4.Single Pulse
Operation in This
Area is Lim ited by
RDS(ON)
↓
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.0E+01
TJ =150°C
TJ =25°C
1.0E+00
1.0E-01
1.0E-02
1.0E-03
1.0E-04
1.0E-05
1.0E+02
-VDS, Drain-To-Source Voltage(V)
-VSD, Source-To-Drain Voltage(V)
T1 , Square Wave Pulse Duration[sec]
Transient Thermal Response Curve
Single Pulse Time(s)
Safe Operating Area
-VDS, Drain-To-Source Voltage(V)
Single Pulse Maximum Power Dissipation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com