Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV331TP Datasheet(PDF) 6 Page - 3PEAK INC.

Part # LMV331TP
Description  General Purpose, 1.8V, RRI, Open-Drain Output Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV331TP Datasheet(HTML) 6 Page - 3PEAK INC.

Back Button LMV331TP Datasheet HTML 2Page - 3PEAK INC. LMV331TP Datasheet HTML 3Page - 3PEAK INC. LMV331TP Datasheet HTML 4Page - 3PEAK INC. LMV331TP Datasheet HTML 5Page - 3PEAK INC. LMV331TP Datasheet HTML 6Page - 3PEAK INC. LMV331TP Datasheet HTML 7Page - 3PEAK INC. LMV331TP Datasheet HTML 8Page - 3PEAK INC. LMV331TP Datasheet HTML 9Page - 3PEAK INC. LMV331TP Datasheet HTML 10Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LMV331TP / LMV393TP
General Purpose, 1.8V, RRI, Open-Drain Output Comparators
REV1.4
www.3peakic.com.cn
When Vi is low, the output is also low. For the output to switch from low to high, Vi must rise up to Vtr. When Vi is
high, the output is also high. In order for the comparator to switch back to a low state, Vi must equal Vtf before the
non-inverting input V+ is again equal to Vr.
tr
V
R2
R1
R2
r
V
tf
V
2
1
1
)
tf
V
DD
(V
r
V
RPU
R
R
R
r
V
R2
2
1
tr
V
R
R 
DD
V
2
1
r
V
2
2
1
tf
V
RPU
R
R
RPU
R
RPU
R
R
DD
V
2
1
hyst
V
RPU
R
R
if RPU<<R2
Inverting Comparator with Hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VDD), as shown in Figure 5.
Figure 5. Inverting Configuration with Hysteresis
When Vi is greater than V+, the output voltage is low. In this case, the three network resistors can be presented as
paralleled resistor R2 || R3 in series with R1. When Vi at the inverting input is less than V+, the output voltage is
high. The three network resistors can be represented as R1 ||R3 in series with R2.
DD
V
2
3
||
1
2
tr
V
R
R
R
R
DD
V
1
3
||
2
3
||
2
tf
V
R
R
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com