Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV331TP Datasheet(PDF) 7 Page - 3PEAK INC.

Part # LMV331TP
Description  General Purpose, 1.8V, RRI, Open-Drain Output Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.

LMV331TP Datasheet(HTML) 7 Page - 3PEAK INC.

Back Button LMV331TP Datasheet HTML 3Page - 3PEAK INC. LMV331TP Datasheet HTML 4Page - 3PEAK INC. LMV331TP Datasheet HTML 5Page - 3PEAK INC. LMV331TP Datasheet HTML 6Page - 3PEAK INC. LMV331TP Datasheet HTML 7Page - 3PEAK INC. LMV331TP Datasheet HTML 8Page - 3PEAK INC. LMV331TP Datasheet HTML 9Page - 3PEAK INC. LMV331TP Datasheet HTML 10Page - 3PEAK INC. LMV331TP Datasheet HTML 11Page - 3PEAK INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LMV331TP / LMV393TP
General Purpose, 1.8V, RRI, Open-Drain Output Comparators
www.3peakic.com.cn
REV1.4
DD
V
3
2
||
1
2
||
1
tf
V
tr
V
hyst
V
R
R
R
R
R
Low Input Bias Current
The LMV331-393 are CMOS comparator family and feature very low input bias current in pA range. The low input
bias current allows the comparators to be used in applications with high resistance sources. Care must be taken
to minimize PCB Surface Leakage. See below section on “PCB Surface Leakage” for more details.
PCB Surface Leakage
In applications where low input bias current is critical, Printed Circuit Board (PCB) surface leakage effects need to
be considered. Surface leakage is caused by humidity, dust or other contamination on the board. Under low
humidity conditions, a typical resistance between nearby traces is 1012Ω. A 5V difference would cause 5pA of
current to flow, which is greater than the LMV331-393’s input bias current at +27°C (±6pA, typical). It is
recommended to use multi-layer PCB layout and route the comparator’s -IN and +IN signal under the PCB
surface.
The effective way to reduce surface leakage is to use a guard ring around sensitive pins (or traces). The guard
ring is biased at the same voltage as the sensitive pin. An example of this type of layout is shown in Figure 6 for
Inverting configuration application.
1. For Non-Inverting Configuration:
a) Connect the non-inverting pin (VIN+) to the input with a wire that does not touch the PCB surface.
b) Connect the guard ring to the inverting input pin (VIN–). This biases the guard ring to the same reference as the
comparator.
2. For Inverting Configuration:
a) Connect the guard ring to the non-inverting input pin (VIN+). This biases the guard ring to the same reference voltage as
the comparator (e.g., VDD/2 or ground).
b) Connect the inverting pin (VIN–) to the input with a wire that does not touch the PCB surface.
Figure 6. Example Guard Ring Layout for Inverting Comparator
Ground Sensing and Rail to Rail Output
The LMV331-393 implement a rail-to-rail topology that is capable of swinging to within 10mV of either rail. Since
the inputs can go 300mV beyond either rail, the comparator can easily perform ‘true ground’ sensing.
The maximum output current is a function of total supply voltage. As the supply voltage of the comparator
increases, the output current capability also increases. Attention must be paid to keep the junction temperature of
the IC below 150°C when the output is in continuous short-circuit condition. The output of the amplifier has
reverse-biased ESD diodes connected to each supply. The output should not be forced more than 0.5V beyond
either supply, otherwise current will flow through these diodes.
ESD
The LMV331-393 have reverse-biased ESD protection diodes on all inputs and output. Input and output pins can
not be biased more than 300mV beyond either supply rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com