Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP7201 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP7201
Description  Constant Current Switching Regulator for White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7201 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP7201 Datasheet HTML 6Page - Feeling Technology Corp. FP7201 Datasheet HTML 7Page - Feeling Technology Corp. FP7201 Datasheet HTML 8Page - Feeling Technology Corp. FP7201 Datasheet HTML 9Page - Feeling Technology Corp. FP7201 Datasheet HTML 10Page - Feeling Technology Corp. FP7201 Datasheet HTML 11Page - Feeling Technology Corp. FP7201 Datasheet HTML 12Page - Feeling Technology Corp. FP7201 Datasheet HTML 13Page - Feeling Technology Corp. FP7201 Datasheet HTML 14Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FP7201
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
11/14
Setting the LED Current
Feedback resistance R1 decides the LED current. The current through LEDs is equal to 0.25V /
R1. The following table shows the selection of R1 for different LED current.
ILED vs. R1
Dimming Control
Dimming control can adjust LED brightness. There are three ways to control LED current for the
FP7201, as shown in the following.
a. Using the PWM Signal to EN Pin
The first way uses the PWM signal to control the Enable pin for regulating LED brightness. The
LED current is between the full load to complete shutoff, and the average LED current is proportional to
the PWM signal duty cycle. In addition, the PWM signal frequency should be larger than 2kHz.
ILED (mA)
R1 (
Ω)
1
250
5
50
10
25
15
16.6
20
12.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com